Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 109Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 110Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 111Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 112Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 113Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 114Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 265 page
background image
Am79C971
111
6-0
RES
Reserved locations. Read as ze-
ro; write operations have no ef-
fect.
PCI Revision ID Register
Offset 08h
The PCI Revision ID register is an 8-bit register that
specifies the Am79C971 controller revision number.
The value of this register is 2Xh, with the lower four bits
being silicon-revision dependent. The initial revision
value will be 21h.
The PCI Revision ID register is located at offset 08h in
the PCI Configuration Space. It is read only.
PCI Programming Interface Register
Offset 09h
The PCI Programming Interface register is an 8-bit reg-
ister that identifies the programming interface of
Am79C971 controller. PCI does not define any specific
register-level programming interfaces for network de-
vices. The value of this register is 00h.
The PCI Programming Interface register is located at
offset 09h in the PCI Configuration Space. It is read
only.
PCI Sub-Class Register
Offset 0Ah
The PCI Sub-Class register is an 8-bit register that
identifies specifically the function of the Am79C971
controller. The value of this register is 00h which iden-
tifies the Am79C971 device as an Ethernet controller.
The PCI Sub-Class register is located at offset 0Ah in
the PCI Configuration Space. It is read only.
PCI Base-Class Register
Offset 0Bh
The PCI Base-Class register is an 8-bit register that
broadly classifies the function of the Am79C971 con-
troller. The value of this register is 02h which classifies
the Am79C971 device as a network controller.
The PCI Base-Class register is located at offset 0Bh in
the PCI Configuration Space. It is read only.
PCI Latency Timer Register
Offset 0Dh
The PCI Latency Timer register is an 8-bit register that
specifies the minimum guaranteed time the Am79C971
controller will control the bus once it starts its bus mas-
tership period. The time is measured in clock cycles.
Every time the Am79C971 controller asserts FRAME
at the beginning of a bus mastership period, it will copy
the value of the PCI Latency Timer register into a
counter and start counting down. The counter will
freeze at 0. When the system arbiter removes GNT
while the counter is non-zero, the Am79C971 controller
will continue with its data transfers. It will only release
the bus when the counter has reached 0.
The PCI Latency Timer is only significant in burst trans-
actions, where FRAME stays asserted until the last
data phase. In a non-burst transaction, FRAME is only
asserted during the address phase. The internal la-
tency counter will be cleared and suspended while
FRAME is deasserted.
All eight bits of the PCI Latency Timer register are pro-
grammable. The host should read the Am79C971 PCI
MIN_GNT and PCI MAX_LAT registers to determine
the latency requirements for the device and then initial-
ize the Latency Timer register with an appropriate
value.
The PCI Latency Timer register is located at offset 0Dh
in the PCI Configuration Space. It is read and written by
the host. The PCI Latency Timer register is cleared by
H_RESET and is not effected by S_RESET or by set-
ting the STOP bit.
PCI Header Type Register
Offset 0Eh
The PCI Header Type register is an 8-bit register that
describes the format of the PCI Configuration Space lo-
cations 10h to 3Ch and that identifies a device to be
single or multi-function. The PCI Header Type register
is located at address 0Eh in the PCI Configuration
Space. It is read only.
Bit
Name
Description
7
FUNCT
Single-function/multi-function de-
vice. Read as zero; write opera-
tions
have
no
effect.
The
Am79C971 controller is a single
function device.
6-0
LAYOUT
PCI configuration space layout.
Read as zeros; write operations
have no effect. The layout of the
PCI configuration space loca-
tions 10h to 3Ch is as shown in
the table at the beginning of this
section.
PCI I/O Base Address Register
Offset 10h
The PCI I/O Base Address register is a 32-bit register
that determines the location of the Am79C971 I/O re-
sources in all of I/O space. It is located at offset 10h in
the PCI Configuration Space.
Bit
Name
Description
31-5
IOBASE
I/O base address most significant
27 bits. These bits are written by
the host to specify the location of
the Am79C971 I/O resources in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com