Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 116Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 117Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 122Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 123Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 265 page
background image
120
Am79C971
STP = 1, then some descriptors/
buffers may be skipped in the
ring. While performing the search
for the next STP bit that is set to
1, the Am79C971 controller will
advance through the receive de-
scriptor ring regardless of the
state of ownership bits. If any of
the entries that are examined
during
this
search
indicate
Am79C971 controller ownership
of the descriptor but also indicate
STP = 0, then the Am79C971
controller will reset the OWN bit
to 0 in these entries. If a scanned
entry indicates host ownership
with
STP = 0,
then
the
Am79C971 controller will not al-
ter the entry, but will advance to
the next entry.
When the STP bit is found to be
true, but the descriptor that con-
tains this setting is not owned by
the Am79C971 controller, then
the Am79C971 controller will stop
advancing through the ring en-
tries and begin periodic polling of
this entry. When the STP bit is
found to be true, and the descrip-
tor that contains this setting is
owned by the Am79C971 control-
ler, then the Am79C971 control-
ler will stop advancing through
the ring entries, store the descrip-
tor information that it has just
read, and wait for the next re-
ceive to arrive.
This behavior allows the host
software
to
pre-assign
buffer
space in such a manner that the
header portion of a receive pack-
et will always be written to a par-
ticular memory area, and the data
portion of a receive packet will al-
ways be written to a separate
memory area. The interrupt is
generated when the header bytes
have been written to the header
memory area.
Read/Write accessible always.
The LAPPEN bit will be reset to 0
by H_RESET or S_RESET and
will be unaffected by STOP.
See Appendix D for more infor-
mation on the Look Ahead Pack-
et Processing concept.
4
DXMT2PD
Disable Transmit Two Part Defer-
ral (see Medium Allocation sec-
tion
in
the
Media
Access
Management section for more
details). If DXMT2PD is set,
Transmit Two Part Deferral will
be disabled.
Read/Write accessible always.
DXMT2PD
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
3
EMBA
Enable Modified Back-off Algo-
rithm (see Contention Resolution
section in Media Access Man-
agement section for more de-
tails). If EMBA is set, a modified
back-off algorithm is implement-
ed.
Read/Write accessible always.
EMBA is cleared by H_RESET or
S_RESET and is not affected by
STOP.
2
BSWP
Byte Swap. This bit is used to
choose between big and little En-
dian modes of operation. When
BSWP is set to a 1, big Endian
mode is selected. When BSWP is
set to 0, little Endian mode is se-
lected.
When big Endian mode is select-
ed, the Am79C971 controller will
swap the order of bytes on the AD
bus during a data phase on ac-
cesses to the FIFOs only. Specif-
ically, AD[31:24] becomes Byte
0, AD[23:16] becomes Byte 1,
AD[15:8] becomes Byte 2, and
AD[7:0] becomes Byte 3 when
big Endian mode is selected.
When little Endian mode is se-
lected, the order of bytes on the
AD bus during a data phase is:
AD[31:24] is Byte 3, AD[23:16] is
Byte 2, AD[15:8] is Byte 1, and
AD[7:0] is Byte 0.
Byte swap only affects data
transfers that involve the FIFOs.
Initialization block transfers are
not affected by the setting of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com