Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 118Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 119Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 120Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 122Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 123Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 265 page
background image
122
Am79C971
10
ASTRP_RCV Auto Strip Receive. When set,
ASTRP_RCV enables the auto-
matic pad stripping feature. The
pad and FCS fields will be
stripped from receive frames and
not placed in the FIFO.
Read/Write accessible always.
ASTRP_RCV
is
cleared
by
H_RESET or S_RESET and is
unaffected by the STOP bit.
9
MFCO
Missed Frame Counter Overflow
is set by the Am79C971 control-
ler
when the
Missed
Frame
Counter (CSR112 and CSR114)
has wrapped around.
When MFCO is set, INTA is as-
serted if IENA is 1 and the mask
bit MFCOM is 0.
Read/Write accessible always.
MFCO is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MFCO
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
8
MFCOM
Missed Frame Counter Overflow
Mask. If MFCOM is set, the
MFCO bit will be masked and un-
able to set the INTR bit.
Read/Write accessible always.
MFCOM is set to 1 by H_RESET
or S_RESET and is not affected
by the STOP bit.
7
UINTCMD
User
Interrupt
Command.
UINTCMD can be used by the
host to generate an interrupt un-
related to any network activity.
When UINTCMD is set, INTA is
asserted if IENA is set to 1.
UINTCMD will be cleared inter-
nally after the Am79C971 control-
ler has set UINT to 1.
Read/Write accessible always.
UINTCMD
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
6
UINT
User Interrupt. UINT is set by the
Am79C971 controller after the
host has issued a user interrupt
command by setting UINTCMD
(CSR4, bit 7) to 1.
Read/Write accessible always.
UINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
UINT
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
5
RCVCCO
Receive Collision Counter Over-
flow is set by the Am79C971 con-
troller when the Receive Collision
Counter (CSR114 and CSR115)
has wrapped around.
When RCVCCO is set, INTA is
asserted if IENA is 1 and the
mask bit RCVCCOM is 0.
Read/Write accessible always.
RCVCCO is cleared by the host
by writing a 1. Writing a 0 has no
effect. RCVCCO is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
4
RCVCCOM Receive Collision Counter Over-
flow Mask. If RCVCCOM is set,
the RCVCCO bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
RCVCCOM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.
3
TXSTRT
Transmit Start status is set by the
Am79C971 controller whenever it
begins transmission of a frame.
When TXSTRT is set, INTA is as-
serted if IENA is 1 and the mask
bit TXSTRTM is 0.
Read/Write accessible always.
TXSTRT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
TXSTRT
is
cleared
by
H_RESET, S_RESET, or by set-
ting the STOP bit.
2
TXSTRTM
Transmit
Start
Mask.
If
TX-
STRTM is set, the TXSTRT bit
will be masked and unable to set
the INTR bit.
Read/Write accessible always.
TXSTRTM
is
set
to
1
by
H_RESET or S_RESET and is
not affected by the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com