Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 121Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 122Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 123Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 265 page
background image
Am79C971
125
2
MPEN
Magic Packet Enable. MPEN al-
lows activation of the Magic
Packet mode by the host. The
Am79C971 controller will enter
the Magic Packet mode when
both MPEN and MPMODE are
set to 1.
Read/Write accessible always.
MPEN
is
cleared
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
1
MPMODE
Magic Packet Mode. Setting MP-
MODE to 1 will redefine the
SLEEP pin to be a Magic Packet
enable pin. The Am79C971 con-
troller will enter the Magic Packet
mode when MPMODE is set to 1
and either SLEEP is asserted or
MPEN is set to 1.
Read/Write accessible always.
MPMODE is cleared to 0 by
H_RESET or S_RESET and is
not affected by setting the STOP
bit
0
SPND
Suspend. Setting SPND to 1 will
cause the Am79C971 controller
to start requesting entrance into
suspend mode. The host must
poll SPND until it reads back 1 to
determine that the Am79C971
controller has entered the sus-
pend mode. Setting SPND to 0
will get the Am79C971 controller
out of suspend mode. SPND can
only be set to 1 if STOP (CSR0,
bit 2) is set to 0. H_RESET,
S_RESET or setting the STOP bit
will get the Am79C971 controller
out of suspend mode.
Requesting entrance into the
suspend mode by the host de-
pends on the setting of the
FASTSPNDE bit (CSR7, bit 15).
Refer to the bit description of the
FASTSPNDE bit and the Sus-
pend section in Detailed Func-
tions, Buffer Management Unit
for details.
In suspend mode, all of the CSR
and BCR registers are accessi-
ble. As long as the Am79C971
controller is not reset while in
suspend mode (by H_RESET,
S_RESET or by setting the STOP
bit), no re-initialization of the de-
vice is required after the device
comes out of suspend mode. The
Am79C971 controller will contin-
ue at the transmit and receive de-
scriptor
ring
locations,
from
where it had left, when it entered
the suspend mode.
Read/Write accessible always.
SPND is cleared by H_RESET,
S_RESET, or by setting the
STOP bit.
CSR6: RX/TX Descriptor Table Length
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-12
TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during the Am79C971 controller
initialization. This field is written
during the Am79C971 controller
initialization routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
TLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
11-8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block during
Am79C971 controller initializa-
tion. This field is written during
the Am79C971 controller initial-
ization routine.
Read accessible only when either
the STOP or the SPND bit is set.
Write operations have no effect
and should not be performed.
RLEN is only defined after initial-
ization. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
7-0
RES
Reserved locations. Read as 0s.
Write operations are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com