Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 124Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 265 page
background image
128
Am79C971
When MAPINT is set to 1, INTA is
asserted if the enable bit MAP-
INTE is set to 1.
Read/Write accessible always.
MAPINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MAPINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
6
MAPINTE
MII Auto-Poll Interrupt Enable. If
MAPINTE is set, the MAPINT bit
will be able to set the INTR bit.
Read/Write accessible always.
MAPINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP bit
5
MCCINT
MII
Management
Command
Complete Interrupt. The MII Man-
agement Command Complete In-
terrupt is set by the Am79C971
controller when a read or write
operation to the MII Data Port
(BCR34) is complete.
When MCCINT is set to 1, INTA
is asserted if the enable bit MC-
CINTE is set to 1.
Read/Write accessible always.
MCCINT is cleared by the host by
writing a 1. Writing a 0 has no ef-
fect.
MCCINT
is
cleared
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
4
MCCINTE
MII
Management
Command
Complete Interrupt Enable. If
MCCINTE is set to 1, the MC-
CINT bit will be able to set the
INTR bit when the host reads or
writes to the MII Data Port
(BCR34) only. Internal MII Man-
agement Commands will not gen-
erate an interrupt. For instance
Auto-Poll state machine generat-
ed MII management frames will
not generate an interrupt upon
completion unless there is a com-
pare error which get reported
through the MAPINT (CSR7, bit
6) interrupt or the MCCIINTE is
set to 1.
Read/Write accessible always.
MCCINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
3
MCCIINT
MII
Management
Command
Complete Internal Interrupt. The
MII
Management
Command
Complete Interrupt is set by the
Am79C971 controller when a
read or write operation on the MII
management port is complete
from an internal operation. Exam-
ples of internal operations are
Auto-Poll or MII Management
Port generated MII management
frames. These are normally hid-
den to the host.
When MCCIINT is set to 1, INTA
is asserted if the enable bit MC-
CINTE is set to 1.
Read/Write accessible always.
MCCIINT is cleared by the host
by writing a 1. Writing a 0 has no
effect. MCCIINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
2
MCCIINTE
MII
Management
Command
Complete Internal Interrupt En-
able. If MCCIINTE is set to 1, the
MCCIINT bit will be able to set
the INTR bit when the internal
state
machines
generate
MII
management
frames.
For
in-
stance, when MCCIINTE is set to
1 and the Auto-Poll state ma-
chine generates a MII manage-
ment frame, the MCCIINT will set
the INTR bit upon completion of
the MII management frame re-
gardless of the comparison out-
come.
Read/Write accessible always.
MCCIINTE
is
set
to
0
by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com