Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 265 page
background image
130
Am79C971
15-0
PADR[15:0] Physical
Address
Register,
PADR[15:0]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR13: Physical Address Register 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[31:16] Physical
Address
Register,
PADR[31:16]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR14: Physical Address Register 2
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[47:32] Physical
Address
Register,
PADR[47:32]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR15: Mode
This register’s fields are loaded during the Am79C971
controller initialization routine with the corresponding
Initialization Block values, or when a direct register
write has been performed on this register.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
PROM
Promiscuous
Mode.
When
PROM = 1, all incoming receive
frames are accepted.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
14
DRCVBC
Disable
Receive
Broadcast.
When
set,
disables
the
Am79C971 controller from re-
ceiving
broadcast
messages.
Used for protocols that do not
support broadcast addressing,
except as a function of multicast.
DRCVBC is cleared by activation
of
H_RESET
or
S_RESET
(broadcast messages will be re-
ceived) and is unaffected by
STOP.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical ad-
dress detection (Station or node
ID) of the Am79C971 controller
will be disabled. Frames ad-
dressed to the nodes individual
physical address will not be rec-
ognized.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
12
DLNKTST
Disable
Link
Status.
When
DLNKTST = 1, monitoring of Link
Pulses
is
disabled.
When
DLNKTST = 0, monitoring of Link
Pulses is enabled. This bit only
has meaning when the 10BASE-
T network interface is selected.
Read/Write accessible only when
either the STOP or the SPND bit
is set.
11
DAPC
Disable Automatic Polarity Cor-
rection. When DAPC = 1, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com