Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 265 page
background image
Am79C971
129
1
MIIPDTINT MII PHY Detect Transition Inter-
rupt. The MII PHY Detect Transi-
tion
Interrupt
is
set
by
the
Am79C971 controller whenever
the MIIPD bit (BCR32, bit 14)
transitions from 0 to 1 or vice ver-
sa.
Read/Write accessible always.
MIIPDTINT is cleared by the host
by writing a 1. Writing a 0 has no
effect. MIIPDTINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
0
MIIPDTINTE MII PHY Detect Transition Inter-
rupt Enable. If MIIPDTINTE is set
to 1, the MIIPDTINT bit will be
able to set the INTR bit.
Read/Write accessible always.
MIIPDTINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
CSR8: Logical Address Filter 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
LADRF[15:0] Logical Address Filter, LADRF-
[15:0]. The content of this register
is undefined until loaded from the
initialization block after the INIT
bit in CSR0 has been set or a di-
rect register write has been per-
formed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR9: Logical Address Filter 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[31:16] Logical Address Filter, LADRF-
[31:16]. The content of this regis-
ter is undefined until loaded from
the initialization block after the
INIT bit in CSR0 has been set or
a direct register write has been
performed on this register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR10: Logical Address Filter 2
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[47:32] Logical
Address
Filter,
LADRF[47:32]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR11: Logical Address Filter 3
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
LADRF[63:48] Logical
Address
Filter,
LADRF[63:48]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR12: Physical Address Register 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com