Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 163 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 163 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 159Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 160Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 161Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 162Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 163Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 164Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 165Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 166Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 167Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 265 page
background image
Am79C971
163
P R E L I M INARY
Read/Write accessible always.
COLE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
BCR9: Full-Duplex Control
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-3
RES
Reserved locations. Written as
zeros and read as undefined.
2
FDRPAD
Full-Duplex Runt Packet Accept
Disable. When FDRPAD is set to
1 and full-duplex mode is en-
abled, the Am79C971 controller
will only receive frames that meet
the
minimum
Ethernet
frame
length of 64 bytes. Receive DMA
will not start until at least 64 bytes
or a complete frame have been
received. By default, FDRPAD is
cleared to 0. The Am79C971 con-
troller will accept any length
frame and receive DMA will start
according to the programming of
the
receive
FIFO
watermark.
Note that there should not be any
runt packets in a full-duplex net-
work, since the main cause for
runt packets is a network collision
and there are no collisions in a
full-duplex network.
Read/Write accessible always.
FDRPAD is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
1
AUIFD
AUI Full-Duplex. AUIFD controls
whether or not full-duplex opera-
tion on the AUI port is enabled.
AUIFD
is
only
meaningful
if
FDEN (BCR9, bit 0) is set to 1. If
the FDEN bit is 0, the AUI port will
always operate in half-duplex
mode. In addition, if FDEN is set
to 1 but the AUIFD bit is reset to
0, the AUI port will always oper-
ate in half-duplex mode. If FDEN
is set to 1 and AUIFD is set to 1,
full-duplex operation on the AUI
port is enabled.
Read/Write accessible always.
AUIFD is reset to 0 by H_RESET,
and is unaffected by S_RESET
and the STOP bit.
0
FDEN
Full-Duplex Enable. FDEN con-
trols whether full-duplex opera-
tion is enabled. When FDEN is
cleared, full-duplex operation is
not enabled and the Am79C971
controller will always operate in
the
half-duplex
mode.
When
FDEN is set, the Am79C971 con-
troller will operate in full-duplex
mode when the 10BASE-T or MII
port is enabled or when the AUI
port is enabled and the AUIFD
(BCR9, bit 1) bit is set. When
DLNKTST (CSR15, bit 12) is set
to 1, full-duplex operation will not
be enabled on the 10BASE-T
port. FDEN will override the Auto-
Negotiation portion of the internal
10BASE-T MAU. The internal
TMAU will no longer try to auto-
matically negotiate for the link. It
assumes that the software is pro-
gramming the FDEN bit for a rea-
son and defers control. See Table
32. Do not set this bit when Auto-
Negotiation is enabled.
Read/Write accessible always.
FDEN is reset to 0 by H_RESET,
and is unaffected by S_RESET
and the STOP bit.
BCR16: I/O Base Address Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-5
IOBASEL
Reserved
locations.
After
H_RESET, the value of these bits
will be undefined. The settings of
these bits will have no effect on
any Am79C971 controller func-
tion. It is only included for soft-
ware
compatibility
with
other
PCnet family devices.
Read/Write accessible always.
IOBASEL is not affected by
S_RESET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com