Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 163Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 164Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 165Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 166Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 167Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 168Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 169Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 170Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 265 page
background image
Am79C971
167
P R E L I M INARY
BCR19: EEPROM Control and Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
PVALID
EEPROM Valid status bit. Read
accessible only. PVALID is read
only; write operations have no ef-
fect. A value of 1 in this bit indi-
cates that a PREAD operation
has occurred, and that (1) there is
an EEPROM connected to the
Am79C971 controller interface
pins and (2) the contents read
from the EEPROM have passed
the checksum verification opera-
tion.
A value of 0 in this bit indicates a
failure in reading the EEPROM.
The checksum for the entire 64
bytes of EEPROM is incorrect or
no EEPROM is connected to the
interface pins.
PVALID
is
set
to
0
during
H_RESET and is unaffected by
S_RESET or the STOP bit. How-
ever, following the H_RESET op-
eration, an automatic read of the
EEPROM will be performed. Just
as is true for the normal PREAD
command, at the end of this auto-
matic read operation, the PVALID
bit may be set to 1. Therefore,
H_RESET will set the PVALID bit
to 0 at first, but the automatic EE-
PROM read operation may later
set PVALID to a 1.
If PVALID becomes 0 following
an EEPROM read operation (ei-
ther automatically generated af-
ter
H_RESET,
or
requested
through PREAD), then all EE-
PROM-programmable BCR loca-
tions
will
be
reset
to
their
H_RESET values. The content of
the Address PROM locations,
however, will not be cleared.
If no EEPROM is present at the
EESK, EEDI, and EEDO pins,
then all attempted PREAD com-
mands will terminate early and
PVALID will not be set. This ap-
plies to the automatic read of the
EEPROM after H_RESET, as
well as to host-initiated PREAD
commands.
14
PREAD
EEPROM Read command bit.
When this bit is set to a 1 by the
host, the PVALID bit (BCR19, bit
15) will immediately be reset to a
0, and then the Am79C971 con-
troller will perform a read opera-
tion
of
64
bytes
from
the
EEPROM through the interface.
The
EEPROM
data
that
is
fetched during the read will be
stored in the appropriate internal
registers
on
board
the
Am79C971 controller. Upon com-
pletion of the EEPROM read op-
eration, the Am79C971 controller
will assert the PVALID bit. EE-
PROM contents will be indirectly
accessible to the host through
read accesses to the Address
PROM (offsets 0h through Oh)
and through read accesses to
other EEPROM programmable
registers. Note that read access-
es from these locations will not
actually access the EEPROM it-
self, but instead will access the
Am79C971 controllers internal
copy of the EEPROM contents.
Write accesses to these locations
may change the Am79C971 con-
troller register contents, but the
EEPROM locations will not be af-
fected. EEPROM locations may
be
accessed
directly
through
BCR19.
At the end of the read operation,
the PREAD bit will automatically
be reset to a 0 by the Am79C971
controller and PVALID will bet
set, provided that an EEPROM
existed on the interface pins and
that the checksum for the entire
64 bytes of EEPROM was cor-
rect.
Note that when PREAD is set to a
1, then the Am79C971 controller
will no longer respond to any ac-
cesses directed toward it, until
the PREAD operation has com-
pleted
successfully.
The
Am79C971 controller will termi-
nate these accesses with the as-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com