Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 175Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 265 page
background image
Am79C971
179
P R E L I M INARY
bit will allow the Am79C971 con-
troller to work seamlessly with the
Micro Linear 6692 PHY. See the
section on Working with Micro
Linear 6692 for details.
Read/Write accessible always.
MII
µL is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
MII
µL is only
valid when the internal Network
Port Manager is scanning for a
network port.
1
MIIILP
Media Independent Interface In-
ternal Loopback. When set, this
bit will cause the internal portion
of the MII data port to loopback
on itself. The interface is mapped
in
the
following
way.
The
TXD[3:0] nibble data path is
looped back onto the RXD[3:0]
nibble data path. TX_CLK is
looped back as RX_CLK. TX_EN
is looped back as RX_DV. CRS is
correctly OR’d with TX_EN and
RX_DV and always encompass-
es the transmit frame. TX_ER is
looped back as RX_ER. Howev-
er, TX_ER will not get asserted
by the Am79C971 controller to
signal an error. The TX_ER func-
tion is reserved for future use.
Read/Write accessible always.
MIIILP is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit.
0
FCON
Fast Configuration Mode. When
set this bit will force the internal
Management Port State Machine
into a Fast Configuration Mode.
During this mode, the Manage-
ment Port State Machine will not
attempt to start Auto-Negotiation
on the internal as well as the ex-
ternal PHY. Instead, it will rely on
link beats for link pass state. This
will accelerate the automatic port
selection on the Am79C971 con-
troller.
Read/Write accessible always.
FCON is set to 0 by H_RESET
and is unaffected by S_RESET
and the STOP bit. FCON is only
valid when the internal Network
Port Manager is scanning for a
network port. See Table 40.
BCR33: MII Address Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-10 RES
Reserved locations. Written as
zeros and read as undefined.
9-5
PHYAD
MII Management Frame PHY Ad-
dress. PHYAD contains the 5-bit
PHY Address field that is used in
the management frame that gets
clocked out via the MII manage-
ment port pins (MDC and MDIO)
whenever a read or write transac-
tion occurs to BCR34. The inter-
nal
PHY
device
is
always
addressed as 11111b. The MII
management frame will not ap-
pear on the MII when reading or
writing to the internal PHY. This is
done for MII compatibility sake.
The Network Port Manager cop-
ies
the
PHYAD
after
the
Am79C971 controller reads the
EEPROM and uses it to commu-
nicate with the external PHY. The
PHY
address
must
be
pro-
grammed into the EEPROM prior
to starting the Am79C971 con-
troller.
Read/Write accessible always.
PHYAD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.
4-0
REGAD
MII Management Frame Register
Address. REGAD contains the 5-
bit Register Address field that is
used in the management frame
that gets clocked out via the MII
management port pins (MDC and
MDIO) whenever a read or write
transaction occurs to BCR34.
Read/Write accessible always.
REGAD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com