Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 180 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 183Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 265 page
background image
180
Am79C971
P R E L I M INARY
BCR34: MII Management Data Register
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MIIMD
MII Management Data. MIIMD is
the data port for operations on the
MII management interface (MDIO
and MDC). The Am79C971 de-
vice builds management frames
using the PHYAD and REGAD
values from BCR33. The opera-
tion code used in each frame is
based upon whether a read or
write operation has been per-
formed to BCR34. Read cycles
on the MII management interface
are invoked when BCR34 is read.
Upon completion of the read cy-
cle, the 16-bit result of the read
operation is stored in MIIMD.
Write cycles on the MII manage-
ment interface are invoked when
BCR34 is written. The value writ-
ten to MIIMD is the value used in
the data field of the management
write frame.
When the PHYAD (BCR33, bits
9-5) is 11111b the data written
and read from the MIIMD will be
from the internal PHY only. No
MII management frame will be
sent across the MII when the
PHYAD is 11111b.
Read/Write accessible always.
MIIMD
is
undefined
after
H_RESET and is unaffected by
S_RESET and the STOP bit.
BCR35: PCI Vendor ID Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
VID
Vendor ID. The PCI Vendor ID
register is a 16-bit register that
identifies the manufacturer of the
Am79C971
controller.
AMD’s
Vendor ID is 1022h. Note that this
Vendor ID is not the same as the
Manufacturer ID in CSR88 and
CSR89. The Vendor ID is as-
signed by the PCI Special Inter-
est Group.
The Vendor ID is not normally
programmable,
but
the
Am79C971 controller allows this
due to legacy operating systems
that do not look at the PCI Sub-
system Vendor ID and the Ven-
dor ID to uniquely identify the
add-in board or subsystem that
the Am79C971 controller is used
in.
Note: If the operating system
or the network operating sys-
tem supports PCI Subsystem
Vendor ID and Subsystem ID,
use those to identify the add-in
board or subsystem and pro-
gram the VID with the default
value of 1022h.
VID is aliased to the PCI configu-
ration space register Vendor ID
(offset 00h).
Read accessible always. VID is
read only. Write operations are
ignored. VID is set to 1022h by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
Initialization Block
When SSIZE32 (BCR20, bit 8) is set to 0, the software
structures are defined to be 16 bits wide. The base ad-
dress of the initialization block must be aligned to a
DWord boundary, i.e., CSR1, bit 1 and 0 must be
cleared to 0. When SSIZE32 is set to 0, the initialization
block looks like Table 42.
Note: The Am79C971 controller performs DWord ac-
cesses to read the initialization block. This statement is
always true, regardless of the setting of the SSIZE32
bit.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide. The base ad-
dress of the initialization block must be aligned to a
DWord boundary, i.e., CSR1, bits 1 and 0 must be
cleared to 0. When SSIZE32 is set to 1, the initialization
block looks like Table 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com