Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 141 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 141 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 137Page - Advanced Micro Devices AM8530H Datasheet HTML 138Page - Advanced Micro Devices AM8530H Datasheet HTML 139Page - Advanced Micro Devices AM8530H Datasheet HTML 140Page - Advanced Micro Devices AM8530H Datasheet HTML 141Page - Advanced Micro Devices AM8530H Datasheet HTML 142Page - Advanced Micro Devices AM8530H Datasheet HTML 143Page - Advanced Micro Devices AM8530H Datasheet HTML 144Page - Advanced Micro Devices AM8530H Datasheet HTML 145Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 194 page
background image
Register Description
AMD
6–31
D7 D6 D5 D4 D3 D2 D1 D0
DCD
SYNC/HUNT
CTS
Tx Underrun/EOM
Rx Character Available
Zero Count
Tx Buffer Empty
Break/Abort
Figure 6–18. Read Register 0
Bit 7: Break/Abort
In the Asynchronous mode, this bit is set when a Break sequence (null character plus
framing error) is detected in the receive data stream. This bit is reset when the sequence
is terminated, leaving a single null character in the receive FIFO. This character should
be read and discarded. In SDLC mode, this bit is set by the detection of an Abort se-
quence (seven or more ‘1’s), then reset automatically at the termination of the Abort se-
quence. In either case, if the Break/Abort IE bit is set, an External/Status interrupt is
initiated. Unlike the remainder of the External/Status bits, both transitions are guaranteed
to cause an External/Status interrupt, even if another External/Status interrupt is pending
at the time these transitions occur. This procedure is necessary because Abort or Break
conditions may not persist.
Bit 6: TX Underrun/EOM
This bit is set by a channel or hardware reset and when the transmitter is disabled or a
Send Abort command is issued. This bit can be reset only by the reset Tx Underrun/EOM
Latch command in WR0. When the Transmit Underrun occurs, this bit is set and causes
an External/Status interrupt (if the Tx Underrun/EOM IE bit is set).
Only the 0-to-1 transition of this bit causes an interrupt. This bit is always ‘1’ in Asynchro-
nous mode, unless a reset Tx Underrun/EOM Latch command has been erroneously is-
sued. In this case, the Send Abort command can be issued to set the bit to ‘1’ and at the
same time cause an External/Status interrupt.
Bit 5: Clear to Send
If the CTS IE bit in WR15 is set, this bit indicates the state of the
CTS pin the last time
any of the enabled External/Status bits changed. Any transition on the
CTS pin while no
other interrupt is pending latches the state of the
CTS pin and generates an External/
Status interrupt. Any odd number of transitions on the
CTS pin while another External/
Status interrupt is pending also causes an External/Status interrupt condition. If the CTS
IE bit is reset, it merely reports the current unlatched state of the
CTS pin (i.e., if CTS pin
is Low, this bit will be High).
Bit 4: SYNC/Hunt
The operation of this bit is similar to that of the
CTS bit, except that the condition moni-
tored by the bit varies depending on the mode in which the SCC is operating.
When the XTAL oscillator option is selected in asynchronous modes, this bit is forced to
‘0’ (no External/Status interrupt is generated). Selecting the XTAL oscillator in synchro-
nous or SDLC modes has no effect on the operation of this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com