Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 141Page - Advanced Micro Devices AM8530H Datasheet HTML 142Page - Advanced Micro Devices AM8530H Datasheet HTML 143Page - Advanced Micro Devices AM8530H Datasheet HTML 144Page - Advanced Micro Devices AM8530H Datasheet HTML 145Page - Advanced Micro Devices AM8530H Datasheet HTML 146Page - Advanced Micro Devices AM8530H Datasheet HTML 147Page - Advanced Micro Devices AM8530H Datasheet HTML 148Page - Advanced Micro Devices AM8530H Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 194 page
background image
Register Description
AMD
6–35
Table 6–10. Residue Bits/Character
Residue
Residue
Residue
Bits/Char
0
1
2
801
1
700
0
601
0
500
1
Bit 0: All Sent
In Asynchronous mode, this bit is set when all characters have completely cleared the
transmitter. Most modems contain additional delays in the data path, which require the
modem control signals remain active until after the data have cleared both the transmitter
and the modem. This bit is always set in synchronous and SDLC modes.
6.3.3
Read Register 2
RR2 contains the interrupt vector written into WR2. When the register is accessed in
Channel A, the vector returned is the vector actually stored in WR2. When this register is
accessed in Channel B, the vector returned includes status information in bits 1, 2, and 3
or in bits 6, 5, and 4, depending on the state of the Status High/Status Low bit in WR9
and independent of the state of VIS bit in WR9. The vector is modified according to Table
6–4 shown in the explanation of the VIS bit in WR9. If no interrupts are pending, the
status is V3, V2, V1 = 011, or V6, V5, V4 = 110. Only one vector register exists in the
SCC, but it can be accessed through either channel. Figure 6–20 shows the bit positions
for RR2.
D7 D6 D5 D4 D3 D2 D1 D0
V3
V4
V5
V6
V0
V1
V2
V7
Interrupt Vector*
*Modified in B Channel
Figure 6–20. Read Register 2
6.3.4
Read Register 3
RR3 is the Interrupt Pending register. The status of each of the Interrupt Pending bits in
the SCC is reported in this register. This register exists only in Channel A. If this register
is accessed in Channel B, all ‘0’s are returned. The two unused bits are always returned
as ‘0’. Figure 6–21 shows the bit positions for RR3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com