Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 142Page - Advanced Micro Devices AM8530H Datasheet HTML 143Page - Advanced Micro Devices AM8530H Datasheet HTML 144Page - Advanced Micro Devices AM8530H Datasheet HTML 145Page - Advanced Micro Devices AM8530H Datasheet HTML 146Page - Advanced Micro Devices AM8530H Datasheet HTML 147Page - Advanced Micro Devices AM8530H Datasheet HTML 148Page - Advanced Micro Devices AM8530H Datasheet HTML 149Page - Advanced Micro Devices AM8530H Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 194 page
background image
Register Description
AMD
6–36
D7 D6 D5 D4 D3 D2 D1 D0
Channel A EXT/STAT IP
Channel A Tx IP
Channel A Rx IP
0
Channel B EXT/STAT IP
Channel B Tx IP
Channel B Rx IP
0
Always 0 in B Channel
Figure 6–21. Read Register 3
6.3.5
Read Register 6
When the SCC is programmed for SDLC operation and bit D2 of WR15 is set to ‘1’, RR6
contains the LSB of a frame byte count stored in the 10x19-bit FIFO array as shown in
Figure 6–22.
D7
D6
D5
D4
D3
D2
D1
D0
Figure 6–22. Read Register 6
6.3.6
Read Register 7
When the SCC is programmed for SDLC operation and bit D2 of WR15 is set to ‘1’, RR7
contains the MSB of a frame byte count stored in the 10x19-bit FIFO array, and provides
FIFO status via bits D7 and D6 as shown in Figure 6–23. Bit D7 is set to ‘1’ when the
10x19-bit FIFO overflows; otherwise it is set to ‘0’. Bit D6 is used to determine if status
data will be from the FIFO or directly from the 8-bit Status FIFO (RR1). This bit is set to
‘1’ whenever the 10x19-bit FIFO is not empty; otherwise it is ‘0’.
D7 D6 D5 D4 D3 D2 D1 D0
FIFO Data Available Status
1 = Status Reads Come From 10 x 9 Bit FIFO
0 = Status Reads Come From SCC
MSB Byte Count
FIFO Overflow Status
1 = FIFO Overflowed During Operation
0 = Normal
Figure 6–23. Read Register 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com