Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 159 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 159 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 155Page - Advanced Micro Devices AM8530H Datasheet HTML 156Page - Advanced Micro Devices AM8530H Datasheet HTML 157Page - Advanced Micro Devices AM8530H Datasheet HTML 158Page - Advanced Micro Devices AM8530H Datasheet HTML 159Page - Advanced Micro Devices AM8530H Datasheet HTML 160Page - Advanced Micro Devices AM8530H Datasheet HTML 161Page - Advanced Micro Devices AM8530H Datasheet HTML 162Page - Advanced Micro Devices AM8530H Datasheet HTML 163Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 194 page
background image
SCC Application Notes
AMD
7–10
Table 7–5. Time Constants for Common Baud Rates
Baud
Divider
Rate
Dec
Hex
38400
0
0000H
19200
2
0002H
9600
6
0006H
4800
14
000EH
2400
30
001EH
1200
62
003EH
600
126
007EH
300
254
00FEH
150
510
01FEH
For 2.4576 MHz Clock, X16 Clock Mode
WR14 selects the baud-rate generator as the
RTxC pin, baud-rate generator disabled,
and internal loopback. The baud-rate generator uses the
RTxC pin as the clock source
and is not enabled at this time because the SCC initialization is not complete.
7.2.3.2
SCC Operating Mode Enables
WR14 enables the baud-rate generator. Bit 0 (LSB) is changed to a ‘1’ to enable the
baud-rate generator; all other bits must maintain the value selected during initialization.
WR3 enables the receiver. Bit 0 (LSB) is changed to a ‘1’ to enable the receiver; all other
bits must maintain the value selected during initialization.
WR5 enables the transmitter. Bit 3 is changed to a ‘1’ to enable the transmitter; all other
bits must maintain the value selected during initialization.
7.2.4
Transmit and Receive Routines
After initialization, and after all enables have been selected, the SCC is ready for commu-
nication. The transmitter buffer and the receive FIFO are empty. The example shown be-
low is coded to transmit and receive characters.
;Transmit a character
TXCHAR:INPUT
RRO
;Read RRO
TEST
BIT2
;Test transmit
buffer empty
JZ
TXCHAR;Loop if not empty
OUTPUT CHAR
;Output character to
data port
RET
;Return
;Receive a character
RXCHAR:INPUT
RRO
;Read RRO
TEST
BIT 0 ;Test Receive
buffer
JZ
RXCHAR;Loop if not full
INPUT
CHAR
;Input character
from data port
RET
;Return
Figure 7–3. Transmit and Receive Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com