Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 162 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 162 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 158Page - Advanced Micro Devices AM8530H Datasheet HTML 159Page - Advanced Micro Devices AM8530H Datasheet HTML 160Page - Advanced Micro Devices AM8530H Datasheet HTML 161Page - Advanced Micro Devices AM8530H Datasheet HTML 162Page - Advanced Micro Devices AM8530H Datasheet HTML 163Page - Advanced Micro Devices AM8530H Datasheet HTML 164Page - Advanced Micro Devices AM8530H Datasheet HTML 165Page - Advanced Micro Devices AM8530H Datasheet HTML 166Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 194 page
background image
SCC Application Notes
AMD
7–13
WR12 & WR13 select the baud-rate generator time constant. The time constant is deter-
mined by the equation:
Time Constant =
Clock Frequency
2 x Baud Rate x clock mode
–2
In this example, the clock frequency is 2.4576 MHz, the baud rate is 9600, and the clock
mode is 16; the time constant is 6. Converting this time constant to a 16-bit hexadecimal
number, it becomes 0006H. The time constant Low (WR12) is 06H and the time constant
High (WR13) is 00H. The baud rate for this example can be varied for as long as the data
rate is less than 1/4 of the PCLK rate. Table 7–7 gives the time constants for other com-
mon baud rates.
Table 7–7. Time Constants for Common Baud Rates
Baud
Divider
Rate
Dec
Hex
38400
0
0000H
19200
2
0002H
9600
6
0006H
4800
14
000EH
2400
30
001EH
1200
62
003EH
600
126
007EH
300
254
00FEH
150
510
01FEH
For 2.4576 MHz Clock, X16 Clock Mode
WR14 selects the baud rate source as the
RTxC pin, baud rate generator disabled, and
internal loopback. The baud-rate generator will use the
RTxC pin as the clock source for
the baud-rate generator. The baud-rate generator is not enabled at this time because the
SCC initialization is not complete.
7.3.3.2
SCC Operating Mode Enables
WR14 enables the baud-rate generator. Bit 0 (LSB) is changed to a 1 to enable the baud-
rate generator; all other bits must maintain the value selected during initialization.
WR3 enables the receiver. Bit 0 (LSB) is changed to a 1 to enable the receiver; all other
bits must maintain the value selected during initialization.
WR5 enables the transmitter. Bit 3 is changed to a 1 to enable the transmitter; all other
bits must maintain the value selected during initialization.
7.3.3.3
SCC Operating Mode Interrupts
WR1 enables the Tx and the Rx interrupts. The Rx interrupt is programmed to generate
an interrupt on all received characters or special conditions. This provides an interrupt on
every character received by the SCC. The external/status interrupts are not enabled in
this application.
WR9 sets the master interrupt enable (MIE) bit 3. Setting this bit enables the interrupts
pending to generate and interrupt on the
INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com