Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 170Page - Advanced Micro Devices AM8530H Datasheet HTML 171Page - Advanced Micro Devices AM8530H Datasheet HTML 172Page - Advanced Micro Devices AM8530H Datasheet HTML 173Page - Advanced Micro Devices AM8530H Datasheet HTML 174Page - Advanced Micro Devices AM8530H Datasheet HTML 175Page - Advanced Micro Devices AM8530H Datasheet HTML 176Page - Advanced Micro Devices AM8530H Datasheet HTML 177Page - Advanced Micro Devices AM8530H Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 194 page
background image
SCC Application Notes
AMD
7–25
AS
DS
RD
DTACK
A
B
C
PAL OUTPUTS:
Figure 7–15. PAL Timing
7.5.4
The 68000 and Am8530H with Interrupts via a PAL
Device
This example shows how a Programmable Array Logic (PAL) device simplifies the task of
interrupt generation compared to the MSI implementation. The block diagram for the in-
terface via a PAL device is shown in Figure 7–14. The timing diagram (Figure 7–15) illus-
trates the Interrupt Acknowledge cycle. As in the other designs,
RD is generated during
Interrupt Acknowledge to place the vector on the bus.
The timing during register programming is not shown. The PAL device allows selection of
one or two Wait States by making W0 High or Low respectively. The table below shows
the appropriate number of Wait Sates as a function of CPU speed.
CPU Speed
Wait States
4 MHz
1
6 MHz
2
8 MHz
2
10 MHz
2
PAL device equations are shown in Figure 7–16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com