Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 177 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 177 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 173Page - Advanced Micro Devices AM8530H Datasheet HTML 174Page - Advanced Micro Devices AM8530H Datasheet HTML 175Page - Advanced Micro Devices AM8530H Datasheet HTML 176Page - Advanced Micro Devices AM8530H Datasheet HTML 177Page - Advanced Micro Devices AM8530H Datasheet HTML 178Page - Advanced Micro Devices AM8530H Datasheet HTML 179Page - Advanced Micro Devices AM8530H Datasheet HTML 180Page - Advanced Micro Devices AM8530H Datasheet HTML 181Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 194 page
background image
SCC Application Notes
AMD
7–28
T X C
30% TxC
30% TxC
Figure 7–17. Slew Rate Controlled Outputs
Common-Mode Problem
The common-mode voltage problem can be resolved by using transformer isolation at the
transceiver-cable interface. The Am7960 provides a high impedance interface to the cou-
pling transformer. It also implements a user-transparent Manchester encoding/decoding
scheme that limits the frequency of output data signals to within a narrow range.
Noise Immunity
In the receiver section of the Am7960 a signal qualifier minimizes false starts, thus im-
proving reliability. Line activity is detected when the input signal crosses the threshold.
The receive clock is acquired when there are two transitions of the input signal during a
bit time interval.
Digital Sampling
The internal DPLL runs at 16 times the data rate. Hence, each bit of the received signal is
quantized into 16 samples. The DPLL is free-running when the line is quiet but synchro-
nizes within 1/16 of a bit on the first valid signal edge. It then opens up a series of win-
dows at the 5/16 to 7/16, 12, and 9/16 to 11/16 positions of the expected bit cell.
Zero-crossings within these windows set a Shorten, Center, or Lengthen flag that makes
the loop adjust for sampling of the next bit cell. The internal circuitry samples the incom-
ing data at 1/4 and 3/4 bit intervals. A transition of voltage levels between these two time
slots indicates the arrival of a valid Manchester data bit.
7.6.3
Hardware Considerations
The Am7960 can be used with a Am8530H Serial Communications Controller (SCC) to
build a simple and cost-effective 1 Mb/s data link for office and industrial applications.
The Am8530H is a two channel, software-programmable, device which can adapt to most
system architectures including:
s Bus architectures (full-duplex and half-duplex)
s Token Passing Ring (SDLC Loop Mode)
s STAR Configurations (similar to SLAN)
The power and flexibility of the Am8530H, along with the Am7960’s CSMA-CA access
scheme. Manchester coding of data and output slew rate control enable the system de-
signer to deliver an inexpensive 1 Mb/s LAN.
The straightforward nature of the hardware connections is shown in Figure 7–18. The
Request to Send (
RTS) output from the SCC is ORed with inverted Advance Carrier De-
tect (
ACD) output to implement the collision avoidance scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com