Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 8Page - Cirrus Logic CS4294 Datasheet HTML 9Page - Cirrus Logic CS4294 Datasheet HTML 10Page - Cirrus Logic CS4294 Datasheet HTML 11Page - Cirrus Logic CS4294 Datasheet HTML 12Page - Cirrus Logic CS4294 Datasheet HTML 13Page - Cirrus Logic CS4294 Datasheet HTML 14Page - Cirrus Logic CS4294 Datasheet HTML 15Page - Cirrus Logic CS4294 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
CS4294
12
DS326PP4
4.1
Audio Output Mixer
The stereo output mixer sums together the analog
outputs from the Input Mixer, stereo enhancement,
and the PCM DAC output. The stereo output mix is
sent to the LINE_OUT and ALT_LINE_OUT out-
put pins of the CS4294. When the device is set to
Mode 1 or the EAM bit in AC Mode Control (Index
5Eh) is set, the secondary DAC outputs are routed
to ALT_LINE_OUT.
4.2
Audio Input Mux
The input multiplexer controls which analog input
is sent to the ADCs. The output of the input mux is
converted to stereo 18-bit digital PCM data and
sent to the Digital Controller chip in Slots 3 and 4
of the AC-Link SDATA_IN signal.
4.3
Audio Input Mixer
The input mixer is an analog mix of the analog in-
put signals such as MIC, LINE_IN, etc., and the
PCM Audio DAC output. The output of the mixer
is routed to the ADC Input Mux, Audio Output
Mixer, and may be routed to the Extended Audio
ADC input.
4.4
Audio Volume Control
The volume control registers of the AC ’97 Regis-
ter interface control analog input level to the input
mixer, the master volume level, and the alternate
volume level. All analog volume controls imple-
ment volume steps at nominally 1.5 dB per step.
The analog inputs allow a mixing range of +12 dB
of signal gain to -34.5 dB of signal attenuation. The
analog output volume controls allows from 0 dB to
-94.5 dB of attenuation.
5. AC ‘97
5.1
AC ‘97 Frame Definition
The AC Link is a bi-directional serial port with
thirteen time-division multiplexed slots in each di-
rection. The first slot is 16 bits long and termed the
tag slot. Bits in the tag slot determine if the Codec
is ready and indicate which, if any, other slots con-
tain valid data. Slots 1 through 11 are 20-bits long
and can contain audio data. Slot 12 contains data to
be written and read from GPIO. The serial data line
is defined from the Controller’s perspective, NOT
from the Audio Codec’s perspective.
5.2
AC-Link Serial Data Output Frame
In the serial data output frame, data is passed on the
SDATA_OUT pin TO the CS4294 FROM the
Controller. Figure 9 illustrates the serial port tim-
ing.
20.8
µS
(48 kHz)
Tag Phase
Data Phase
12.288 MHz
81.4 nS
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
0
F255
Valid
Frame
Slot 1
Valid
00
SCRA1 SCRA0
R/W
0
WD15
F36
F57
LP19
LP18
RP19
LC17
LC16
RC17
RD15
0
0
0
0
0
Bit Frame Position:
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
F255
F36
F57
F255
F255
X
X
0
0
F97
F97
X
Slot 0
Slot 1
Slot 2
Slot 3
Slot 4
Slots 5-12
Slot 2
Valid
Slot 1
Valid
Slot 2
Valid
Codec
Ready
0
Bit Frame Position:
Figure 9. AC-link Input and Output Framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com