Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
CS4294
DS326PP4
25
6.1.19 Extended Codec ID (Index 3Ch)
ID[1:0]
Codec configuration ID. Primary is 00; Secondary is 01,10,or 11. This is a reflection of the configuration
pins. The state of the ID# pins are determined at power-up and are the inverse of the ID bits in this reg-
ister.
Default
Mode 0
x005h
Mode 1
x000h Where x is determined by the state of ID[1:0] input pins.
The Extended Codec ID is a read/write register. Writing any value to this location issues a reset to
the Extended Codec registers (Index 3Ch-56h). The primary Audio registers are not reset by a write
to this location.
NOTE: All GPIO registers (Index 46h-54h) are reset by any write to this location.
6.1.20 Extended Codec Status/Control (Index 3Eh)
PRH
Extended DAC2. When set powers down the Extended DAC2.
PRG
Extended ADC2. When set powers down the Extended ADC2.
PRD
Extended DAC2. When set powers down the Extended DAC1.
PRC
Extended ADC1. When set powers down the Extended ADC1.
PRB
Extended ADC/DAC Reference. When set powers down the extended ADC/DAC reference. The ex-
tended ADC/DAC and audio share a common reference. The reference will not power down unless PR3
of the Power Down Ctrl/Stat (Index 26h) register is also set.
PRA
GPIO. When set the GPIO pins are tri-state and powered down. Slot 12 is marked invalid if the AC-link
is active.
EDAC2
Extended DAC2. When set indicates the Extended DAC2 is ready.
EADC2
Extended ADC2. When set indicates the Extended ADC2 is ready.
EDAC1
Extended DAC1. When set indicates the Extended DAC1 is ready.
EADC1
Extended ADC1. When set indicates the Extended ADC1 is ready.
EREF
Extended ADC/DAC Reference. When set indicates the extended ADC/DAC reference is ready.
GPIO
GPIO. When set the GPIO pins are ready. Slot 12 is marked valid.
Default
Mode 0
x0CFh
Mode 1
x047h Where x is determined by the state of ID[1:0] input pins.
PR[A:D,G:H] are read/write bits that provide power management of the extended codec subsection.
All remaining bits are read/only status indicating the subsystems are ready for operation. After reset
or issuing a change to the MD[1:0] of AC Mode (Index 5Eh) register, the respective status bits for
that mode will be clear until the subsystem becomes ready.
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
ID1
ID0
1
ID1
ID0
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PRH
PRG
PRD
PRC
PRB
PRA
EDAC2
EADC2
EDAC1
EADC1
EREF
GPIO
1
PRG
PRC
PRB
PRA
EADC2
EADC1
EREF
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com