Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 19Page - Cirrus Logic CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
CS4294
DS326PP4
23
6.1.11 Extended Audio ID (Index 28h)
ID[1:0]
Codec configuration ID. Primary is 00; Secondary is 01,10,or 11. This is a reflection of the ID[1:0]# con-
figuration pins. The state of the ID# pins are determined at power-up and are the inverse of the ID bits
in this register.
LDAC
PCM LFE DAC. Indicates a LFE DAC is supported.
SDAC
PCM Surround DAC. Indicates a Surround DAC is supported.
CDAC
PCM Center DAC. Indicates a Center DAC is supported.
VRA
Variable Rate Audio. This bit is clear indicating variable sample rates are not supported.
Read-only data
Mode 0
x000h. Where x is determined by the state of ID[1:0] input pins.
Mode 1
x1C0h.
6.1.12 Extended Audio Status/Control (Index 2Ah)
CDAC
PCM Center DAC Ready. When set, the Center DAC is ready.
LDAC
PCM LFE DAC Ready. When set, the LFE DAC is ready.
SDAC
PCM Surround DAC Ready. When set, the Surround DACs are ready.
PRI
PCM Center DAC Disable. When set, the Center DAC is disabled.
PRJ
PCM Surround DAC Disable. When set, the Surround DAC is disabled.
PRK
PCM LFE DAC Disable. When set, the LFE DAC is disabled.
Default
Mode 0
0000h
Mode 1
01C0h
CDAC, LDAC, and SDAC are read only bits.
6.1.13 PCM Front DAC Rate (Index 2Ch)
SR[15:0]
Front DAC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.14 PCM Surround DAC Rate (Index 2Eh)
SR[15:0]
Surround DAC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0ID1
ID0
VRA
1
ID1
ID0
LDAC SDAC CDAC
VRA
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
000000000
1
0
PRK
PRJ
PRI
0
0
LDAC
SDAC
CDAC
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com