Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 13Page - Cirrus Logic CS4294 Datasheet HTML 14Page - Cirrus Logic CS4294 Datasheet HTML 15Page - Cirrus Logic CS4294 Datasheet HTML 16Page - Cirrus Logic CS4294 Datasheet HTML 17Page - Cirrus Logic CS4294 Datasheet HTML 18Page - Cirrus Logic CS4294 Datasheet HTML 19Page - Cirrus Logic CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
CS4294
DS326PP4
17
6. REGISTER INTERFACE
Certain register locations change definition based on the basic operating mode (Mode 0,1) selected by the
MD[1:0] bits found in the AC Mode Control (Index 5Eh) register. The reset default is Mode 0.
Reg
Num
Name
D15
D14
D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
Mode 0
SE4 SE3 SE2
SE1
SE0
0
ID8
ID7
0
0
ID4
0
0
0
0
1990h
00h
Reset
Mode 1
SE4 SE3 SE2
SE1
SE0
0
ID8
ID7
0
0
0
0
0
0
0
1980h
02h
Master Volume
Mute
ML5
ML4
ML3
ML2
ML1
ML0
MR5
MR4
MR3
MR2
MR1
MR0
8000h
04h
Alternate Line Out Volume Mute
ML5
ML4
ML3
ML2
ML1
ML0
MR5
MR4
MR3
MR2
MR1
MR0
8000h
0Eh
Mic Volume
Mute
20dB
GN4
GN3
GN2
GN1
GN0
8008h
10h
Line In Volume
Mute
GL4
GL3
GL2
GL1
GL0
GR4
GR3
GR2
GR1
GR0
8808h
12h
CD Volume
Mute
GL4
GL3
GL2
GL1
GL0
GR4
GR3
GR2
GR1
GR0
8808h
16h
Aux Volume
Mute
GL4
GL3
GL2
GL1
GL0
GR4
GR3
GR2
GR1
GR0
8808h
18h
PCM Out Vol
Mute
GL4
GL3
GL2
GL1
GL0
GR4
GR3
GR2
GR1
GR0
8808h
1Ah
Record Select
SL2
SL1
SL0
SR2
SR1
SR0
0000h
1Ch
Record Gain
Mute
GL3
GL2
GL1
GL0
GR3
GR2
GR1
GR0
8000h
20h
General Purpose
POP
SEE
LPBK
0000h
22h
Stereo Enhancement
S3
S2
S1
S0
0000h
26h
Powerdown Ctrl/Stat
PR6
PR5
PR4
PR3
PR2
PR1
PR0
REF
ANL
DAC
ADC
000Fh
28h
Ext’d Audio ID Mode 0
ID1
ID0
VRA
x000h
28h
Ext’d Audio ID Mode 1
ID1
ID0
LDAC SDAC CDAC
VRA
x1C0h
2Ah
Ext’d Audio Stat/Ctrl Mode
0
0000h
2Ah
Ext’d Audio Stat/Ctrl Mode
1
PRK
PRJ
PRI
LDAC SDAC CDAC
01C0h
2Ch
PCM Front DAC Rate
SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
2Eh
PCM Surround DAC Rate
SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
30h
PCM LFE DAC Rate
SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h
PCM Left/Right ADC Rate SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
36h
Center LFE Volume
Mute
LFE5 LFE4 LFE3
LFE2
LFE1
LFE0
Mute
CNT5 CNT4 CNT3 CNT2 CNT1
CNT0 8080h
38h
LR Surround Volume
Mute
LSR5 LSR4 LSR3 LSR2 LSR1
LSR0 Mute
RSR5 RSR4 RSR3 RSR2 RSR1
RSR0 8080h
3Ch
Ext’d Codec ID
ID1
ID0
x005h
3Eh
Ext’d Codec Stat/Ctrl
Mode 0
PRH
PRG
PRD
PRC
PRB
PRA
EDAC
2
EADC
2
EDA
C1
EAD
C1
EREF
GPIO 00CFh
3Eh
Ext’d Codec Stat/Ctrl
Mode 1
PRG
PRC
PRB
PRA
EADC
2
EAD
C1
EREF
GPIO 0047h
40
Ext’d DAC1/ADC1 Rate
SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
44
Ext’d DAC2/ADC2 Rate
SR15
SR14 SR13 SR12 SR11 SR10 SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
46
Ext’d DAC1/ADC1 Level
Mute
DAC3 DAC2 DAC1
DAC0 Mute
ADC3 ADC2
8080h
4A
Ext’d DAC2/ADC2 Level
Mute
DAC3 DAC2 DAC1
DAC0 Mute
ADC3 ADC2
8080h
4C
GPIO Pin Configuration
GC8
GC7
GC6
GC5
GC4
GC3
03FFh
4E
GPIO Pin Polarity/Type
GP8
GP7
GP6
GP5
GP4
GP3
FFFFh
50
GPIO Pin Sticky
GS8
GS7
GS6
GS5
GS4
GS3
0000h
52
GPIO Pin Wakeup Mask
GW8
GW7
GW6
GW5
GW4
GW3
0000h
54
GPIO Pin Status
Gi8
GI7
GI6
GI5
GI4
GI3
xxxxh
Cirrus Defined Registers:
5A
Crystal Revision / Fab
1
1
1
0
0302h
5E
Slot Map Register
EDM
EAM
DDM
MD1
MD0
0000h
7Ch
Vendor ID1(CR)
F7
F6
F5
F4
F3
F4
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4352h
7Eh
Vendor ID2(Y-)
T7
T6
T5
T4
T3
T2
T1
T0
0
PID2
PID1
PID0
1
RID2
RID1
RID0
5923h
Table 1. Mixer Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com