Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
CS4294
DS326PP4
27
6.1.25 GPIO Pin Configuration (Index 4Ch)
GC[9:0]
GPIO Pin Configuration. When set defines the corresponding GPIO pin as an input
Default
03FFh
After a cold reset, power up, or extended codec register reset (see Extended Codec ID (Index 3Ch))
all GPIO pins are configured as inputs.
6.1.26 GPIO Pin Polarity/Type Configuration (Index 4Eh)
GP[9:0]
GPIO Pin Configuration. The definition of GP[8:3] changes based on the pin defined as an input or an
output by GC[8:3] of GPIO Pin Configuration (Index 4Ch).
Default
FFFFh
When the GPIO pin is defined as an input, its status is reported in the GPIO Pin Status (Index 54h)
register as well as Slot 12.
6.1.27 GPIO Pin Sticky (Index 50h)
GS[8:3]
GPIO Pin Sticky. If set, the GPIO pin input is latched.
Default
0000h
If a GPIO is defined as “sticky” the input requires a transition of the GPIO input pin to set the corre-
sponding bit in Slot 12 and the GPIO Pin Status (Index 54h) register. When “sticky” is set the corre-
sponding bit in GPIO Pin Polarity/Type Configuration (Index 4Ah) register determines which edge
of the GPIO pin will set GI[x]. If GP[x] is set, a low to high transition sets the GI[x] bit. A high to
low transition sets GI[x] if GP[x] is clear. Once set, writing a 0 to GI[x] will clear the “sticky” input.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
00
res
GC8
GC7
GC6
GC5
GC4
GC3
res
res
res
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
res
GP8
GP7
GP6
GP5
GP4
GP3
res
res
res
GCx
GPx
Function
0
0
Output
CMOS drive
0
1
Output
Open drain
1
0
Input
Active Low
1
1
Input
Active High (default)
Table 7. GPIO Input/Output Configuration
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
GS8
GS7
GS6
GS5
GS4
GS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com