Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic CS4294 Datasheet HTML 32Page - Cirrus Logic CS4294 Datasheet HTML 33Page - Cirrus Logic CS4294 Datasheet HTML 34Page - Cirrus Logic CS4294 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
CS4294
DS326PP4
31
7.3
Line Level Outputs
The analog output section provides a stereo line-
level output and an alternate stereo line-level out-
put.
LINE_OUT_L,
LINE_OUT_R,
ALT_LINE_OUT_L, and ALT_LINE_OUT_R
outputs should be capacitively coupled to external
circuitry.
Each of the 4 analog outputs, if used in the design,
require 680 pF or larger NPO dielectric capacitors
between the corresponding pin and AGND. Each
analog output is DC biased up to the Vrefout volt-
age signal reference which is nominally 2.2 V. This
requires that the output either be AC coupled to ex-
ternal circuitry (AC load must be greater than 10
k
Ω) or DC coupled to a buffer op-amp biased at the
Vrefout voltage (see Figure 13 for the recommend-
ed headphone op-amp circuit).
7.4
Miscellaneous Analog Signals
The AFILT1 and AFILT2 pins must have a
1000 pF NPO capacitor (must not be smaller than
390 pF) to analog ground. These capacitors, along
with an internal resistor, provide a single-pole low-
pass filter at the inputs to the ADCs. By placing
these filters at the input to the ADCs, low-pass fil-
ters at each analog input pin are not necessary.
The REFFLT pin lowers the noise of the internal
voltage reference. A 1
µF (must not be greater than
1
µF) and 0.1 µF capacitor to analog ground should
be connected with a short, wide trace to this pin. No
other connection should be made, as any coupling
onto this pin will degrade the analog performance
of the Codec. Likewise, digital signals should be
kept away from REFFLT for similar reasons.
The Vrefout pin is typically 2.2 V and provides a
common mode signal for single-supply external
circuits. Vrefout only supports light DC loads and
should be buffered if AC loading is needed. For
typical use, a 0.1
µF in parallel with a 1 µF capaci-
tor should be connected to Vrefout.
AGND
4
8
+5 VA
100 k
Ω
1
2
5
3
4
2.7 k
Ω
CGND
220 pF
220 pF
68 k
Ω
AGND
0.068 µF
X7R
AGND
+
-
AGND
4
1
8
+5 VA
U1A
MC33078D
3
2
47 k
Ω
10 µF
AGND
2
1
+
47 k
Ω
AGND
+5 VA
47 k
Ω
+
-
6.8 k
Ω
10 µF
AGND
2
1
+
6
5
220 pF
47 k
Ω
U1B
MC33078D
1 µF
X7R
7
MIC1
Figure 12. PC ‘99 Microphone Pre-amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com