Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 33Page - Cirrus Logic CS4294 Datasheet HTML 34Page - Cirrus Logic CS4294 Datasheet HTML 35Page - Cirrus Logic CS4294 Datasheet HTML 36Page - Cirrus Logic CS4294 Datasheet HTML 37Page - Cirrus Logic CS4294 Datasheet HTML 38Page - Cirrus Logic CS4294 Datasheet HTML 39Page - Cirrus Logic CS4294 Datasheet HTML 40Page - Cirrus Logic CS4294 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
CS4294
DS326PP4
37
FLT3D - Enhanced Stereo Filter
A 0.01
µF capacitor must be attached from this pin to AGND if the Enhanced Stereo function
is used.
8.4
Power Supplies
DVdd1, DVdd2 - Digital Supply Voltage
These pins provide the digital supply voltage for the AC-link section of the CS4294. These pins
may be tied to +5 V digital or to +3.3 V digital. The CS4294 and digital controller’s AC-link
should share a common digital supply.
DVss1, DVss2 - Digital Ground
These pins are the digital ground connection for the AC-link section of the CS4294. These pins
should be isolated from analog ground currents.
AVdd1, AVdd2, AVdd3, AVdd4 - Analog Supply Voltage
These pins provide the analog supply voltage for the analog and mixed signal sections of the
CS4294. These pins must be tied to +5 V analog supply. It is strongly recommended that +5 V
be generated from a voltage regulator to ensure proper supply currents and noise immunity
from the rest of the system.
AVss1, AVss2, AVss3, AVss4, AVss5 - Analog Ground
These pins are the ground connection for the analog, mixed signal, and substrate sections of the
CS4294. These pins should be isolated from digital ground currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com