Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 17Page - Cirrus Logic CS4294 Datasheet HTML 18Page - Cirrus Logic CS4294 Datasheet HTML 19Page - Cirrus Logic CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
CS4294
DS326PP4
21
6.1.7
Record Gain (Index 1Ch)
Mute
When set, mutes the input to the ADCs.
GL[3:0]
Left ADC gain. Least significant bit represents +1.5 dB with 0000 = 0 dB.
The total range is 0 dB to +22.5 dB.
GR[3:0]
Right ADC gain. Least significant bit represents +1.5 dB with 0000 = 0 dB.
The total range is 0 dB to +22.5 dB.
Default
8000h, 0 dB gain with Mute on.
6.1.8
General Purpose (Index 20h)
POP
PCM Output Path. By default, the PCM output is mixed prior to the Stereo Enhancement. When set, the
PCM output is mixed after the Stereo Enhancement.
SEE
Stereo Enhancement Enable. If set, enables the CrystalClear Stereo Enhancement.
LPBK
Loopback. If set, enables Analog ADC/DAC Loopback Mode.
Default
0000h.
6.1.9
Stereo Enhancement Control (Index 22h)
S[3:0]
Spacial Enhancement Depth. Spacial Enhancement is enabled by the Stereo Enhancement Enable bit
in the General Purpose (Index 20h) register.
0000 - No spacial enhancement.
1111 - Full spacial enhancement.
Default
0000h, no spacial enhancement added.
The Spacial Enhancements is not available on the ALT_LINE output when the codec is in Mode 1
or EAM is set. See the AC Mode Control (Index 5Eh) register for more detail.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
GL3
GL2
GL1
GL0
GR3
GR2
GR1
GR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
POP
SEE
0
LPBK
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S3
S2
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com