Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic CS4294 Datasheet HTML 32Page - Cirrus Logic CS4294 Datasheet HTML 33Page - Cirrus Logic CS4294 Datasheet HTML 34Page - Cirrus Logic CS4294 Datasheet HTML 35Page - Cirrus Logic CS4294 Datasheet HTML 36Page - Cirrus Logic CS4294 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
CS4294
DS326PP4
33
8. PIN DESCRIPTIONS
8.1
Digital I/O Pins
RESET# - AC ’97 Chip Reset, Input
This active low signal is the asynchronous Cold Reset input to the CS4294. The CS4294 must
be reset before it can enter normal operating mode. When the PR4 bit of register 26h is set, the
RESET# rising edge will be used as an AC ‘97 2.1 Warm Reset only, preserving register
values.
SYNC - AC-link Serial Port Sync pulse, Input
This signal is the serial port timing signal for the AC-link of the CS4294. Its period is the
reciprocal of the sample rate of the CS4294, 48 kHz. This signal is generated by the AC ’97
Controller and is synchronous to BIT_CLK. SYNC is also an asynchronous input when the
CS4294 is in a PR4 powerdown state and is configured as a primary codec. A series
terminating resistor of 47
Ω should be connected on this signal close to the device driving the
signal.
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
Vrefout
AVdd3
AVdd2
AVss2
DVss1
DVss2
DVdd1
GPIO3
XTL_OUT
XTL_IN
SDATA_OUT
BIT_CLK
SDATA_IN
DVdd2
SYNC
RESET#
ID0#
ALT_LINE_OUT_R
ALT_LINE_OUT_L
LINE_OUT_R
LINE_OUT_L
ID1#
AFLT2
AFLT1
CS4294-XQ
48-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com