Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic CS4294 Datasheet HTML 32Page - Cirrus Logic CS4294 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
CS4294
DS326PP4
29
6.1.31 Vendor ID1 (Index 7Ch)
F[7:0]
First Character of Vendor ID.
43h - ASCII ‘C’ character.
S[7:0]
Second Character of Vendor ID.
52h - ASCII ‘R’ character.
Default
Read-only data 4352h.
6.1.32 Vendor ID2 (Index 7Eh)
T[7:0]
Third Character of Vendor ID.
59h - ASCII ‘Y’ character.
PID[3:0]
Part ID.
See Table 9 below.
RID[2:0]
Revision ID
Default
Read-only data 592Bh.
The two Vendor ID registers provide a means to determine the manufacturer of the AC ’97 Codec.
The first three bytes of the ID registers contain the ASCII code for the first 3 letters of Crystal (CRY).
The final byte of the Vendor ID2 register is divided into a Part ID field and a Revision field. Table 9
lists the Part ID’s defined to date.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
T7
T6
T5
T4
T3
T2
T1
T0
0
PID2
PID1
PID0
1
RID2
RID1
RID0
PID3-PID0
D3
Part Name
000
CS4297
001
CS4297A
010
0
CS4298
010
1
CS4294
011
CS4299
Table 9. Reg. 7Eh Defined Part ID’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com