Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
CS4294
24
DS326PP4
6.1.15 PCM LFE DAC Rate (Index 30h)
SR[15:0]
LFE DAC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.16 PCM LR ADC Rate (Index 32h)
SR[15:0]
LR ADC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.17 Center LFE Volume (Index 36h)
LFE[5:0]
LFE Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0 dB to -
94.5 dB.
CNT[5:0]
Center Volume.Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0 dB to -
94.5 dB.
Default
8080h, indicating mute with 0 dB attenuation.
6.1.18 LR Surround Volume (Index 38h)
LSR[5:0]
Left Surround Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0
dB to -94.5 dB.
RSR[5:0]
Right Surround Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0
dB to -94.5 dB.
Default
8080h, indicating 0 dB attenuation.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
LFE5
LFE4
LFE3
LFE2
LFE1
LFE0
Mute
CNT5 CNT4 CNT3 CNT2 CNT1 CNT0
LFE[5:0]/LSR[5:0]
CNT[5:0]/RSR[5:0]
Write
LFE[5:0]/LSR[5:0]
CNT[5:0]/RSR[5:0]
Read
Gain Level
000000
000000
0 dB
000001
000001
-1.5 dB
……
...
111111
111111
-94.5 dB
Table 6. 6 Channel Volume Attenuation
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
LSR5
LSR4
LSR3
LSR2
LSR1
LSR0
Mute
RSR5 RSR4 RSR3 RSR2 RSR1 RSR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com