Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 14Page - Cirrus Logic CS4294 Datasheet HTML 15Page - Cirrus Logic CS4294 Datasheet HTML 16Page - Cirrus Logic CS4294 Datasheet HTML 17Page - Cirrus Logic CS4294 Datasheet HTML 18Page - Cirrus Logic CS4294 Datasheet HTML 19Page - Cirrus Logic CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
CS4294
18
DS326PP4
6.1
Register Descriptions
6.1.1
Reset (Index 00h)
SE[4:0]
Enhanced Stereo Technique.
00110 - Crystal 3D Stereo Enhancement.
ID8 set
18-bit ADC resolution.
ID7 set
20-bit DAC resolution.
ID4 set
Headphone out support. (Alternate Line Output)
Read-only data
Mode 0
1990h
Mode 1
1980h
Any write to this register causes the audio control registers (Index 02h - 38h) and the Crystal specific
registers (Index 5Eh - 68h) to be reset forcing them to their default state. The mode control bits
MD[1:0] of the AC Mode Control (Index 5Eh) register are also cleared forcing the Codec to Mode 0
configuration. Reads return configuration information about the audio Codec
6.1.2
Master Volume (Index 02h)
Mute
Master mute for the LINE_OUT_L and the LINE_OUT_R output signals.
ML[5:0]
Master Volume control for LINE_OUT_L pin. Least significant bit represents -1.5 dB with 00000 = 0 dB.
The total range is 0 dB to -94.5 dB.
MR[5:0]
Master Volume control for LINE_OUT_R pin. Least significant bit represents -1.5 dB with 00000 = 0 dB.
The total range is 0 dB to -94.5 dB.
Default
8000h, corresponding to 0 dB attenuation and mute on.
In Mode 1 the LINE_OUT volume is controlled by the Left Right Surround (Index 38h) register in place
of Master Volume.
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
SE4
SE3
SE2
SE1
SE0
0
ID8
ID7
0
0
ID4
0000
1
SE4
SE3
SE2
SE1
SE0
0
ID8
ID7
0000000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
ML5
ML4
ML3
ML2
ML1
ML0
MR5
MR4
MR3
MR2
MR1
MR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com