Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 10Page - Cirrus Logic CS4294 Datasheet HTML 11Page - Cirrus Logic CS4294 Datasheet HTML 12Page - Cirrus Logic CS4294 Datasheet HTML 13Page - Cirrus Logic CS4294 Datasheet HTML 14Page - Cirrus Logic CS4294 Datasheet HTML 15Page - Cirrus Logic CS4294 Datasheet HTML 16Page - Cirrus Logic CS4294 Datasheet HTML 17Page - Cirrus Logic CS4294 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
CS4294
14
DS326PP4
5.3.3
Register Write Data (Slot 2)
WD[15:0]
Codec register data for write operations. For read operations, this data is ignored. If R/W# = 0, data must
be valid in both the Register Address (Slot 1) and the Register Write Data (Slot 2) during a frame when
the Slot [1:2] Valid = 11 or either SCRA[1:0] bit is set. Splitting the register address and the write data
across multiple frames is not permitted.
5.3.4
Playback Data (Slots 3-11)
PD[19:0]
20-bit PCM playback (2’s complement) data for the left and right DACs. Any PCM data from the Con-
troller less than 20 bits should be left justified in the slot and zero-padded. Table 8 on page 28 lists the
definition of each respective slot. The mapping of a given slot is determined by the MD[1:0] bits found
in the AC Mode Control (Index 5Eh) register.
5.3.5
GPIO Data (Slot12)
GP[9:0]
GPIO Output Data. Output data is transferred to the GPIO pins every frame in Slot 12.
5.4
AC-Link Audio Input Frame
In the serial data input frame, data is passed on the SDATA_IN pin FROM the CS4294 to the AC ’97
Controller. The data format for the input frame is very similar to the output frame. Figure 9 illustrates
the serial port timing.
5.4.1
Serial Data Input Slot Tag Bits (Slot 0)
Codec Ready
Indicates the readiness of the CS4294’s AC-link and Control and Status registers. Immediately after a
Cold Reset this bit will be clear. Once the CS4294’s clocks and voltages are stable, this bit will be set.
Until the Codec Ready bit is set, no AC-link transactions should be attempted by the Controller. The
Codec Ready bit does not indicate readiness of the DACs, ADCs, Vref, or any other analog function.
Those must be checked in the Power Down Control/Status (Index 26h), Extended Audio Stat/Ctrl (Index
2Ah), and Extended Codec Stat/Ctrl (Index 3Eh) registers by the Controller before any access is made
to the mixer registers. Any accesses to the Codec while Codec Ready is clear is ignored.
Slot 1 Valid Tag
Indicates Slot 1 contains a valid read back address.
Slot 2 Valid Tag
Indicates Slot 2 contains valid register read data.
Slot [3:11] Valid Tag
Indicates Slot [3:11] contains valid capture data from the Codec’s ADC.
Slot 12 Valid Tag
Indicates Slot 12 contains valid read data of the GPIO Pin Status Register (Index 54h).
Bit 19
18
17
16
15
14
13
12
11
10
987654
3210
WD15 WD14 WD13 WD12 WD11 WD10 WD9 WD8 WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
Bit 19
18
17
16
15
14
13
12
11
10
987
6543
210
PD19 PD18 PD17 PD16 PD15 PD14 PD13 PD12 PD11 PD10 PD9 PD8 PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0
Bit 19
18
17
16
15
14
13
12
11
10
987
6543
210
GP9 GP8 GP7 GP6 GP5 GP4 GP3 GP2 GP1 GP0
Bit 15
14
13
12
11
10
9
8
76543210
Codec
Ready
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Slot 5
Valid
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
Slot 10
Valid
Slot 11
Valid
Slot 12
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com