Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
CS4294
26
DS326PP4
6.1.21 Extended Audio DAC1/ADC1 Rate (Index 40h)
SR[15:0]
Extended Audio DAC1/ADC1 Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.22 Extended Audio DAC2/ADC2 (Index 44h)
SR[15:0]
Extended Audio DAC2/ADC2 Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.23 Extended Audio DAC1/ADC1 Level (Index 46h)
Mute[D15] Mute. Mutes the input of Extended Audio DAC1.
Mute[D7]
Mute. Mutes the output of Extended Audio ADC1.
DAC[3:0]
Extended Audio DAC1 attenuation. Least significant bit represents 1.5 dB with 00000 = 0 dB. The total
range is 0 dB to -22.5 dB.
ADC[3:2]
Extended Audio ADC1 gain. Least significant bit represents 6 dB with 00 = 0 dB. The total range is 0 dB
to +18 dB.
Default
8080h indicating mute with 0 dB attenuation or gain.
When EAM of the AC Mode Control (Index 5Eh) is set, the Extended Audio DAC1 attenuation is
controlled by ML[4:0] of the Alternate Volume (Index 04h) register.
6.1.24 Extended AudioDAC2/ADC2 Level (Index 4Ah)
Mute[D15] Mute. Mutes the input of Extended Audio DAC2.
Mute[D7]
Mute. Mutes the output of Extended Audio ADC2.
DAC[3:0]
Extended Audio DAC2 attenuation. Least significant bit represents 1.5 dB with 00000 = 0 dB. The total
range is 0 dB to -22 dB.
ADC[3:2]
Extended Audio ADC2 gain. Least significant bit represents 6 dB with 00 = 0 dB. The total range is 0 dB
to +18 dB.
Default
8080h indicating mute with 0 dB attenuation or gain.
When EAM of the AC Mode Control (Index 5Eh) is set, the Extended Audio DAC2 attenuation is
controlled by MR[4:0] of the Alternate Volume (Index 04h) register.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
DAC3 DAC2 DAC1 DAC0
Mute
ADC3 ADC2
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
DAC3 DAC2 DAC1 DAC0
Mute
ADC3 ADC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com