Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic CS4294 Datasheet HTML 32Page - Cirrus Logic CS4294 Datasheet HTML 33Page - Cirrus Logic CS4294 Datasheet HTML 34Page - Cirrus Logic CS4294 Datasheet HTML 35Page - Cirrus Logic CS4294 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
CS4294
32
DS326PP4
7.5
Power Supplies
The power supplies providing analog power should
be as clean as possible to minimize coupling into
the analog section which could degrade analog per-
formance. The pins AVdd1 and AVdd2 supply
power to all the analog circuitry on the CS4294.
This 5 Volt analog supply should be generated
from a voltage regulator (7805 type) connected to a
+12 Volt supply. This helps isolate the analog cir-
cuitry from noise typically found on +5 V digital
supplies which power many digital circuits in a PC
environment. A typical voltage regulator circuit for
analog power using an MC78M05CDT is shown in
Figure 14.
The digital power pins DVdd1 and DVdd2 should
be connected to the same digital supply as the AC
’97 Controller’s AC-Link interface. Since the digi-
tal interface on the CS4294 may operate at either
3.3 V or 5 V, proper connection of these pins will
depend on the digital power supply of the AC ’97
Controller. connections (vias). The AC-Link digi-
tal interface connection traces should be routed
such that digital ground plane lies underneath these
signals (on the internal ground layer) from the AC
’97 Controller continuously to the CS4294.
Figure 13. Headphones Driver
AGND
AGND
AGND
1/4 WATT
1/4 WATT
HP_OUT_R
ALT_LINE_OUT_L
HP_OUT_L
Vrefout
ALT_LINE_OUT_R
22pF
NPO
39k
Ω
4
1
2
3
22pF
NPO
TDA1308
+
-
5
6
7
27k
Ω
4
1
2
3
TDA1308
+
-
3
2
1
220
µF
ELEC
+
47K
Ω
4
1 2
3
ELEC
+
680pF
NPO
680pF
NPO
0.1
µF
Y5V
1.0
µF
Y5V
220
µF
10
Ω
10
Ω
+12VD
AGND
DGND
+5VA
0.1µF
Y5V
10µF
ELEC
+
10µF
ELEC
+
MC78M05CDT
OUT
3
GND
2
IN
1
0.1µF
Y5V
Figure 14. Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com