Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 11Page - Cirrus Logic CS4294 Datasheet HTML 12Page - Cirrus Logic CS4294 Datasheet HTML 13Page - Cirrus Logic CS4294 Datasheet HTML 14Page - Cirrus Logic CS4294 Datasheet HTML 15Page - Cirrus Logic CS4294 Datasheet HTML 16Page - Cirrus Logic CS4294 Datasheet HTML 17Page - Cirrus Logic CS4294 Datasheet HTML 18Page - Cirrus Logic CS4294 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
CS4294
DS326PP4
15
5.4.2
Read-Back Address Port (Slot 1)
RI[6:0]
Register index. The Read-Back Address Port echoes the AC ’97 Register address when a register read
has been requested in the previous frame. The Codec will only echo the register index for a read access.
Write accesses will not return valid data in Slot 1.
5.4.3
Read-Back Data Port (Slot 2)
RD[15:0]
16-bit register value. The Read-Back Data Port contains the register data requested by the Controller
from the previous read request. All read requests will return the read address in the Read-Back Address
Port (Slot 1) and the register data in the Read-Back Data Port (Slot 2) on the following serial data frame.
5.4.4
PCM Capture Data (Slot 3-11)
CD[17:0]
18-bit PCM (2’s compliment) data. The mapping of a given slot to an ADC is determined by the state of
the MD[1:0] bits found in the AC Mode Control (Index 5Eh) register.
5.4.5
GPIO Pin Status (Slot 12)
GI[9:0]
Status of the GPIO[8:3] pin.
IRQ
Set when the GPIO generates a wake up or interrupt cycle. See GPIO Pin Wake Up Mask (Index 52h)
register.
The capture data in Slot [3:12] will only be valid when the respective slot valid bit is set in Slot 0.
5.5
AC ’97 Reset Modes
Three methods of resetting the CS4294, as defined
in the AC ’97 Specification, are supported: Cold
AC ’97 Reset, Warm AC ’97 Reset, and AC ’97
Register Reset. A Cold AC ’97 Reset is required to
restart the AC-link when bit PR5 is set in the Power
Down Control/Status (Index 26h) register.
5.5.1 Cold AC ‘97 Reset
A Cold Reset is performed by asserting RESET# in
accordance with the minimum timing specifica-
tions in the Serial Port Timing section. Once de-as-
serted, all of the Codec’s registers will be reset to
their default power-on states and the BIT_CLK
clock and SDATA_IN signals will be reactivated.
The timing of power-up/reset events is discussed in
detail in the Power Management section.
5.5.2 Warm AC ’97 Reset
The CS4294 may also be reactivated when the AC-
link is powered down (refer to the PR4 bit descrip-
tion in the Power Management section) by a Warm
Reset. A Warm Reset allows the AC-link to be re-
activated without losing information in the Codec’s
registers. Warm Reset is initiated when the SYNC
signal is driven high for at least 1 µs and then driv-
en low in the absence of the BIT_CLK clock signal.
The BIT_CLK clock will not restart until at least 2
normal BIT_CLK clock periods
(± 162.8 ns) af-
ter the SYNC signal is de-asserted.
Bit 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3210
RI6
RI5
RI4
RI3
RI2
RI1
RI0
Bit 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Bit 19
18
17
16
15
14
13
12
11
10
987
6543
210
CD17 CD16 CD15 CD14 CD13 CD12 CD11 CD10 CD9 CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0
Bit 19
18
17
16
15
14
13
12
11
10
987
6543
210
GI8
GI7
GI6
GI5
GI4
GI3
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com