Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4294 Datasheet HTML 1Page - Cirrus Logic CS4294 Datasheet HTML 2Page - Cirrus Logic CS4294 Datasheet HTML 3Page - Cirrus Logic CS4294 Datasheet HTML 4Page - Cirrus Logic CS4294 Datasheet HTML 5Page - Cirrus Logic CS4294 Datasheet HTML 6Page - Cirrus Logic CS4294 Datasheet HTML 7Page - Cirrus Logic CS4294 Datasheet HTML 8Page - Cirrus Logic CS4294 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
FEATURES
n AC ‘97 2.0 compatible
n 20-bit quad output and 18-bit dual stereo input
codec with fixed 48 kHz sampling rate
n Dedicated ADC for enhanced digital docking
n Three analog line-level stereo inputs for connec-
tion from LINE IN, CD, and AUX
n High quality pseudo-differential CD input
n Dual stereo line level output with independent 6-
bit volume control
n 6 General Purpose I/O pins
n Meets or exceeds Microsoft's ® PC 98 and PC 99
audio performance requirements
n CrystalClear™ Stereo Enhancement
DESCRIPTION
The CS4294 is an AC ‘97 compatible Audio Codec
designed for PC multimedia systems. Using the in-
dustry leading CrystalClear™ delta-sigma and
mixed signal technology, the CS4294 is ideal for
PC 98-compliant desktop, notebook, and enter-
tainment PCs, where high-quality audio features
are required. The CS4294 offers four channels of
D/A and A/D conversion along with analog mixing
and stereo enhancement processing. For multi-
channel audio systems, the CS4294 can provide
four audio channels. The CS4294 provides an en-
hanced
digital
docking
mode
for
portable
applications by providing a dedicated ADC capture
path from the analog input mixer.
ORDERING INFORMATION
CS4294-KQ
48-pin TQFP
9x9x1.4mm
CS4294-JQ
48-pin TQFP
9x9x1.4mm
VOL
MUTE
MUTE
MUTE
MUTE
VOL
VOL
VOL
+20dB
DAC
3D
STEREO TO
MONO MIXER
VOL
VOL
OUTPUT
BUFFER
OUTPUT
BUFFER
MASTER VOLUME
ALTERNATE VOLUME
MAIN D/A
CONVERTERS
PCM_OUT
PCM OUT
PATH
STEREO
INPUT
MIXER
STEREO
OUTPUT
MIXER
Σ
Σ
Σ
MIC1
AUX
CD
LINE
Mode Control
SYNC
SDATA_OUT
MUTE
VOL
ADC
INPUT
MUX
VOL
MUTE
ADC
MAIN ADC GAIN
ADC
DAC
RESET#
ALT_LINE_OUT
LINE_OUT
GPIO
BIT_CLK
SDATA_IN
AC-Link Interface
2
/
2
/
2
/
2
/
2
/
2
/
2
/
6
/
3
/
2
/
SoundFusion® Audio/Docking Codec ’97 (AMC’97)
CS4294
FEB ‘00
DS326PP4


Similar Part No. - CS4294

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4294/CS4298 CIRRUS-CS4294/CS4298 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4294/CS4298 CIRRUS-CS4294/CS4298 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

Similar Description - CS4294

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
SoundFusion Audio/Modem Codec 97 (AMC 97)
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
CrystalClear SoundFusion Audio Codec 97
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
logo
Cirrus Logic
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com