Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic CS4294 Datasheet HTML 27Page - Cirrus Logic CS4294 Datasheet HTML 28Page - Cirrus Logic CS4294 Datasheet HTML 29Page - Cirrus Logic CS4294 Datasheet HTML 30Page - Cirrus Logic CS4294 Datasheet HTML 31Page - Cirrus Logic CS4294 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
CS4294
28
DS326PP4
6.1.28
GPIO Pin Wakeup Mask (Index 4Ch)
GW[8:3]
Wake up mask. If set, allow the GPIO input to generate AC-LINK wake up protocol.
Default
0000h
The CS4294 has the ability to generate a “wake up” cycle by a transition of a GPIO pin when the
AC-Link has been powered down. If a mask bit is set, a one being set in the corresponding GPIO Pin
Status (Index 54h) will initiate a wake up interrupt. Bit 0 of SDATA_IN Slot 12 will be set indicating
a GPIO interrupt. GPIO pins must be defined as “input”, “sticky”, and the mask set to allow a GPIO
interrupt. The GPIO interrupt is cleared by writing a 0 to the respective status bit in GPIO Pin Status
(Index 54h) register.
6.1.29 GPIO Pin Status (Index 54h)
GI[8:3]
GPIO pin status. Reflects the state of all GPIO pins either input or output. If the GPIO pin is defined as
an output, the respective bit reflects the state of SDATA_OUT Slot 12. If the GPIO pin is defined as an
input, the register is reflected in SDATA_IN Slot 12. GPIO output pins cannot be accessed by Slot 1,2
register access, only by SDATA_OUT Slot 12.
6.1.30 AC Mode Control (Index 5Eh)
DDM
DAC Direct Mode. This bit controls the source to the line and alternate line output drivers. When set, the
Left and Right DAC directly drive the line and alternate line outputs by bypassing the audio mixer. When
clear, the audio mixer is the source for the line and alternate line outputs.
EAM
Extended Audio Mode. When set the output of EDAC2 and EDAC1 are mapped to the ALT_LINE OUT-
PUT. The Extended Audio DAC volumes are set by the Alternate Line Volume (Index 04h) register when
in this mode.
EDM
Extended Docking Mode. When set the output of the analog input mixer is routed to the EADC1 and
EADC2 inputs. This allows any analog input mix to be digitized and routed to a second AC ‘97 codec or
allows the host controller to add effects processing to analog sources.
MD[1:0]
Mode. Sets basic operating mode for the codec. This effects the mapping of the ADCs and DACs to AC-
LINK Slot locations. See the Mode of Operation subsection for additional detail. Table 8 below details
the Slot mapping.
Default
0000h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
GW8
GW7
GW6
GW5
GW4
GW3
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
GI8
GI7
GI6
GI5
GI4
GI3
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EDM
EAM
DDM
MD1
MD0
Mode
Type
MD[1:0]
Audio
DAC1
Audio
DAC2
Audio
ADC1
Audio
ADC2
Ext’d
DAC1
Ext’d
DAC2
Ext’d
ADC1
Ext’d
ADC2
GPIO
0
Basic
0,0
Left
Right
Left
Right
Ext’d
Left
Ext’d
Right
Left
Mixer
Right
Mixer
3434
5
11
5
11
12
1
Extended 4
Channel
1,1
Sur’nd
Left
Sur’nd
Right
Left
Right
Center
LFE
Left
Mixer
Right
Mixer
7834
6
9
5
11
12
Table 8. Slot Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com