Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 5Page - STMicroelectronics AN4501 Datasheet HTML 6Page - STMicroelectronics AN4501 Datasheet HTML 7Page - STMicroelectronics AN4501 Datasheet HTML 8Page - STMicroelectronics AN4501 Datasheet HTML 9Page - STMicroelectronics AN4501 Datasheet HTML 10Page - STMicroelectronics AN4501 Datasheet HTML 11Page - STMicroelectronics AN4501 Datasheet HTML 12Page - STMicroelectronics AN4501 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DocID026394 Rev 1
9/48
AN4501
Guideline for the selection of external components
47
The maximal duty cycle of the L99LD01 is respected as well (datasheet parameter: Duty
Cycle, 88% minimum specification).
Step 2: Selection of the inductor
Required inductance value:
The maximum inductor DC current is given by:
According to the definition of the inductor current ripple rMAX, we have:
The minimum inductance value is given by:
An inductance of 6.8µH can be selected, considering a tolerance of +/- 20%.
Inductor maximum peak and RMS current
D
MAX
1
V
IN MIN
η
×
V
OU T
------------------------------
–
1
60.9
×
26
-----------------
–
79.1%
==
=
I
L,M AX
I
OUT
1D
–
MAX
-------------------------
1.0
1
0.791
–
------------------------
4.81A
==
=
I
L,PP@VINMIN,TARGET
r
MAX
I
L,MAX
×
0.5
4.81
×
2.41A
==
=
L
MIN
V
OU T
D
MAX
1D
MAX
–
()
×
×
F
SW
I
L,PP@VINMIN,TARGET
η
×
×
--------------------------------------------------------------------------------------
26
0.791
×
10.791
–
()
×
450 10
⋅
3
2.41
0.9
×
×
---------------------------------------------------------------
4.4µH
∼
==
I
L,PEAK,MAX
I
OUT
1D
MAX
–
-------------------------
V
OUT
D
MAX
1D
MAX
–
()
×
×
2F
SW
L
×η
×
×
--------------------------------------------------------------------------
+
=
I
L,PEAK,MAX
1
10.791
–
------------------------
26
0.791
1
0.791
–
()
×
×
26.8 10
6
–
⋅
450 10
⋅
3
×
0.9
×
×
--------------------------------------------------------------------------------
+
5.59A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com