Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics AN4501 Datasheet HTML 27Page - STMicroelectronics AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DocID026394 Rev 1
25/48
AN4501
Selection of the freewheeling diode
47
5
Selection of the freewheeling diode
Schottky diodes are recommended to maximize the efficiency of the DC-DC converter
thanks to their low forward voltage and their fast recovery time.
Figure 10. Typical waveforms of the freewheeling diode in CCM
Diode current capability
The freewheeling diode conducts only during the converter’s off-phase (see iD on Figure 7
and Figure 10).Therefore, the average diode current over one switching period is equal to
the output current. However, the diode peak current is equal to the inductor’s peak current.
The maximum rating of the Schottky diode must be chosen accordingly.
ID,MAX = IOUT
ID,PEAK,MAX = IL,PEAK,MAX (see Equation 14)
Diode power dissipation and temperature
The power dissipation in the freewheeling diode is PD = VFDIODE x IOUT
The cooling of the diode must guarantee that its max. junction temperature is not exceeded
even at the maximum ambient temperature:
TJ,DIODE = TAMB+ RTHJ-AMB,DIODE x PD
TJ,DIODE,MAX = TAMB,MAX+ RTHJ-AMB,DIODE x PD
Diode breakdown voltage
The diode is reverse biased during the on-phase of M1. The maximum reverse voltage in
normal operation must be at least higher than the max. LED voltage (neglecting the voltage
drop across RSENSE and M2). However, the diode can see a reverse voltage, which is even
higher in case of open load.
Indeed, as the output current goes to zero, the L99LD01 increases the duty cycle and the
output voltage until an over-voltage condition on the output is detected.
The freewheeling diode must also withstand a reverse voltage up to the output over-voltage
threshold (VOUT,OVTH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com