Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 27Page - STMicroelectronics AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics AN4501 Datasheet HTML 30Page - STMicroelectronics AN4501 Datasheet HTML 31Page - STMicroelectronics AN4501 Datasheet HTML 32Page - STMicroelectronics AN4501 Datasheet HTML 33Page - STMicroelectronics AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DocID026394 Rev 1
31/48
AN4501
Selection of the input capacitor
47
The substitution tON + tOFF by 1/FSW gives:
Equation 23:
Figure 14. Current waveforms of the input capacitor for a boost converter in CCM
Similarly to IL,PP, VCIN,PP reaches its maximum when the duty cycle is 50%.
7.1.2
Contribution of the capacitor ESR to the input voltage ripple
As the peak-to-peak current ripple of the input capacitor is equal to IL,PP, the input voltage
ripple caused by the ESRCIN is given by:
Here again, the worst case corresponds to a duty cycle of 50%.
Therefore:
7.2
Maximum input voltage ripple
The max input voltage ripple is the sum of
ΔVCIN,MAX and ΔVESR,CIN,MAX:
Equation 24:
i
CI N t
d
t
ON
2
---------
t
ON
t
OFF
+
2
----------------------------
1
2
---
I
LPP
,
2
--------------
t
ON
t
OFF
+
2
-----------------------------
×
×
=
V
CIN PP
,
I
LPP
,
8F
SW
×
C
IN
×
--------------------------------------
=
V
ESR,CIN,PP
ESR
CIN
I
LPP
,
×
=
V
ESR,CIN,PP,MAX
ESR
CIN
I
LPP MAX
,
,
×
=
V
IN,PP,MAX
I
L,PP,MAX
8F
SW
×
C
IN
×
--------------------------------------
ESR
CIN
I
LPP MAX
,
,
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com