Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 13Page - STMicroelectronics AN4501 Datasheet HTML 14Page - STMicroelectronics AN4501 Datasheet HTML 15Page - STMicroelectronics AN4501 Datasheet HTML 16Page - STMicroelectronics AN4501 Datasheet HTML 17Page - STMicroelectronics AN4501 Datasheet HTML 18Page - STMicroelectronics AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DocID026394 Rev 1
17/48
AN4501
Selection of the inductor
47
4
Selection of the inductor
The selection of the inductor in a DC-DC converter has a direct influence on the
performance and the selection of the other power devices. Therefore, care must be taken
for its choice, as it dictates the cost and the overall performance of the system.
Like the switching frequency, the choice of the inductance value is a tradeoff between its
size, its cost and the inductor current ripple.
A larger inductance results in:
•
Smaller inductance current ripples
•
Smaller input voltage and current ripples
•
Smaller output voltage and current ripples
•
Smaller current peaks in the converter switching MOSFET
•
Smaller diode peak currents
However, a larger inductance value means higher cost, larger PCB surface and in general
slower response time to transients.
Figure 6. Inductor waveforms of a boost converter in CCM
4.1
Converter Duty cycle
The expression of the ideal duty cycle of a boost converter, without power losses is:
Equation 1:
The effective duty cycle taking into account the different sources of power losses is:
D
ideal
1
V
IN
V
OUT
---------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com