Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 30Page - STMicroelectronics AN4501 Datasheet HTML 31Page - STMicroelectronics AN4501 Datasheet HTML 32Page - STMicroelectronics AN4501 Datasheet HTML 33Page - STMicroelectronics AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics AN4501 Datasheet HTML 36Page - STMicroelectronics AN4501 Datasheet HTML 37Page - STMicroelectronics AN4501 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Selection of the switching MOSFET
AN4501
34/48
DocID026394 Rev 1
The Rdson is temperature dependant:
RON,M1 = RON,M1@T25°C x (1 + α (Tj - 25))
Where:
•
RON,M1@T25°C is the RDSON at 25°C
•
Tj is the junction temperature of M1
•α is the temperature coefficient, which is in general in the range of 6·10-3 K-1
In return the junction temperature depends on the power losses. Therefore, an iterative
calculation is necessary for an accurate estimation of the conduction loss. Figure 18
displays the flowchart for the estimation of the MOSFET power losses and RDSON.
8.3.1
Switching losses of M1
Some care must be taken for the calculation of the switching losses. Often, the turn-on and
the turn-off times which are specified in datasheets of the MOSFET are applicable for a
resistive load under very specific conditions (current and drain-source voltage).They are not
valid for the switching of inductive loads.
Switching losses in the M1 MOSFET occur when the drain-source voltage is high, while the
M1 current is not negligible. We can split the switching losses between the turn-on and the
turn-off transitions: PM1,SWON and PM1,SWOFF.
Switch-on phase
During t1, the gate-source voltage of M1 (vM1,GS) ramps up to the gate-source threshold
voltage, VM1,GS,TH. During this phase, there is no change in the drain-source voltage of M1
(VM1,DS) and M1 is not yet conducting. The inductor’s current (IL,VALLEY) still flows through
the diode and there is no switching loss in M1 (see Figure 16).
P
M 1 CO ND
,
R
ON M1
,
I
OU T
1D
MAX
–
-------------------------


 2
D
MAX
×
×
∼



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com