Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 9Page - STMicroelectronics AN4501 Datasheet HTML 10Page - STMicroelectronics AN4501 Datasheet HTML 11Page - STMicroelectronics AN4501 Datasheet HTML 12Page - STMicroelectronics AN4501 Datasheet HTML 13Page - STMicroelectronics AN4501 Datasheet HTML 14Page - STMicroelectronics AN4501 Datasheet HTML 15Page - STMicroelectronics AN4501 Datasheet HTML 16Page - STMicroelectronics AN4501 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DocID026394 Rev 1
13/48
AN4501
Guideline for the selection of external components
47
Table 2. Results of the iterative calculation of the worst case junction temperature
Iteration
TJ1
[°C]
RON,M1@TJ1
[m
Ω]
PM1,COND@TJ1
[W]
PM1@TJ1
[W]
TJ2
[°C]
RON,M1@TJ1
[m
Ω]
DiffRon
[m
Ω]
1
85
21.8
0.403
1.53
123
25.4
3.67
2
123
25.4
0.471
1.60
125
25.6
0.16
Table 3. Formula for currents and voltages of power components
Parameter
Value
Worst case VIN
(corresponding
to the max
parameter value)
Comment
D
VIN,MIN
Duty cycle
η represents the
efficiency of the boost converter
IL
VIN,MIN
Inductor average current
IL,PP
VIN,50
Inductor peak-to-peak current ripple
IL,PEAK
VIN,MIN
(in general)
Inductor peak current. The worst
case VIN must be verified case by
case
IL,RMS
VIN,MIN
(in general)
The worst case VIN must be verified
case by case as the second term is
not a monotonic increasing function
ID
—
Diode average current
ID,PEAK
VIN,MIN
(in general)
Diode peak current. The worst case
VIN must be verified case by case
VOUT,PP
VIN,MIN
Output peak-to-peak voltage ripple
ESRCOUT is neglected
IOUT,PP
VIN,MIN
Boost output and LED peak-to-peak
current ripple
VCIN,PP
VIN,50
Input peak-to-peak current ripple
ESRCIN is neglected
IM1,RMS
VIN,MIN
(in general)
MOSFET RMS current
1
V
IN
η
×
V
OUT
-------------------
–
I
L
I
OUT
1D
–
-------------
=
V
OUT
D
×
1D
–
()
×
LF
SW
×η
×
---------------------------------------------------
I
OUT
1D
–
-------------
V
OUT
D
×
1D
–
()
×
2L
×
F
SW
×η
×
---------------------------------------------------
+
I
OUT
2
1D
–
()
2
---------------------
I
LPP
,
2
12
-----------------
+
I
OUT
I
OUT
1D
–
-------------
V
OUT
D
×
1D
–
()
×
2L
×
F
SW
×η
×
---------------------------------------------------
+
I
OUT
D
×
C
OUT
F
SW
×
----------------------------------
I
OUT
D
×
Nb
LED
R
DLED
×
C
×
OUT
F
SW
×
------------------------------------------------------------------------------------
I
LPP
,
8F
×
SW
C
IN
×
--------------------------------------
I
M1,RMS
I
OUT
1D
–
------------- D1
1
12
------
I
LPP
,
I
L
--------------


 2
+



×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com