Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 16Page - STMicroelectronics AN4501 Datasheet HTML 17Page - STMicroelectronics AN4501 Datasheet HTML 18Page - STMicroelectronics AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Selection of the inductor
AN4501
20/48
DocID026394 Rev 1
Equation 7:
This shows that the maximum value of the inductor peak-to-peak current is reached for a
duty cycle of D50 = 50%.
4.4
Inductor current ripple ratio
The inductor current ripple ratio r is defined as the ratio between the peak-to-peak current
ripple and the average current.
Equation 8:
Increasing the value of the inductance, we reduce the inductor current ripple and the output
voltage ripple, as we will see in the section Section 6.1.2. In general, the max allowed
inductor current ripple ratio is optimal for a value in the range of 0.3 to 0.5, from the
standpoint of the cost / current ripple.
Indeed, reducing r to a value much lower than 0.3 leads a very large inductor size.
Increasing r to a value which is much higher than 0.5, does not lead to a significant size
reduction (see Appendix C: Document management). Therefore setting r to 0.4 or 0.5 is a
good starting point.
Once the maximal inductor peak-to-peak current is fixed, we can estimate the minimum
required inductance value, using Equation 6 applied at VIN,MIN which corresponds to a duty
cycle DMAX.
Equation 9:
4.5
Inductor peak current
The inductor peak current must be calculated to make sure that in all cases, the inductor
saturation current is not reached.
The inductor peak current, ILPEAK is given by:
dl
LPP
,
dD
-----------------
V
OU T
12D
–
()
×
LF
SW
η
×
×
--------------------------------------------
=
r
I
LPP
,
I
L
--------------
=
I
L,PP,MAX
rI
LM AX
,
×
r
I
OUT
1D
MAX
–
-------------------------
×
==
L
MIN
V
OU T
D
MAX
×
1D
MAX
–
()
×
I
L,PP,MAX
F
SW
η
×
×
---------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com