Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics AN4501 Datasheet HTML 27Page - STMicroelectronics AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics AN4501 Datasheet HTML 30Page - STMicroelectronics AN4501 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
DocID026394 Rev 1
27/48
AN4501
Selection of the output capacitor
47
6
Selection of the output capacitor
The output capacitor determines the output voltage and current ripples.
For a current source, the choice of the output capacitor begins with the specification of the
maximum output current ripple IOUT,PP,MAX.
The capacitor voltage capability must be higher than the maximum output voltage. Note that
some margin must be taken, as this parameter has a non-negligible tolerance and varies
with the temperature and the applied DC voltage (if a MLCC capacitor is used).
6.1
Output voltage ripple
The main causes of the output voltage ripples are:
•
The charge, respectively the discharge, of the ideal capacitor without equivalent series
resistor (ESRCOUT) during tON and tOFF. The ideal capacitance is called the bulk
capacitance in the rest of the document.
•
The voltage drop caused by the output capacitor’s current ripple across ESRCOUT.
6.1.1
Contribution of the charge and discharge of the bulk capacitance
During the on-phase, the output current is exclusively delivered by the output capacitor
COUT.
During tON: iCOUT = -iOUT ~ -IOUT (seeFigure 12)
As a first approximation, we assume that the output current ripples are negligible compared
to the average value. This assumption is justified by the fact that the selection of the output
capacitor should limit the conducted emission at the output in order to fulfill stringent
specifications on the electromagnetic emissions.
The integration of the output voltage over the on-phase gives:
6.1.2
Contribution of the output capacitor ESR to the output voltage ripple
Considering that:
•
During tON, iCOUT = -iOUT ~ -IOUT and the diode is reverse biased: iD = 0
•
During tOFF, the diode is conducting and charges COUT and delivers current to the LED
strings: iCOUT ~ iD - IOUT
We can conclude that at anytime, iCOUT ~ iD - IOUT and ICOUT,PP = ID,PP = IL,PEAK (see
Figure 12).
i
COUT
C
OUT
dV
COUT
dt
-----------------------
I
CO UT
–
∼
×
=
ΔV
COUT
I
OUT
C
OU T
----------------
t
ON
×
I
OU T
D
×
C
OUT
F
SW
×
----------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com