Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 17Page - STMicroelectronics AN4501 Datasheet HTML 18Page - STMicroelectronics AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DocID026394 Rev 1
21/48
AN4501
Selection of the inductor
47
Equation 10:
Using the expression of IL,PP from Equation 5 gives:
Equation 11:
As we will see, in most of the cases, the variation of IL,PEAK with the duty cycle is dictated by
the term IOUT/(1 - D) if the IL,PP is lower than IL. Therefore, in general IL,PEAK MAX is reached
at the DMAX (and VINMIN). This property can be verified by calculating the derived function of
IL,PEAK:
Equation 12:
In general the ratio between the inductor current peak-to-peak current and the inductor
average current is kept below 1. Therefore:
Equation 13:
Therefore:
Under these conditions,
therefore the peak current is a monotonically
increasing function which reaches its maximum at DMAX (and VIN,MIN):
Equation 14:
I
L,PEAK
I
L
I
LPP
,
2
--------------
+
=
I
L,PEAK
I
OUT
1D
–
-------------
V
OUT
D1
D
–
()
×
×
2L
F
SW
×η
×
×
---------------------------------------------------
+
=
dI
L,PEAK
dD
-----------------------
I
OU T
1D
–
()
2
---------------------
V
OUT
12D
–
()
×
2L
F
SW
×η
×
--------------------------------------------
+
=
V
OU T
D1
D
–
()
×
×
LF
SW
×η
×
---------------------------------------------------
I
OU T
1D
–
-------------
≤
V
OUT
D
×
LF
SW
×η
×
--------------------------------
I
OUT
1D
–
()
2
---------------------
≤
dI
L,PEAK
dD
-----------------------
I
OU T
1D
–
()
2
---------------------
V
OU T
D
×
LF
SW
×η
×
--------------------------------
–
V
OUT
2L
F
SW
×
×η
×
-----------------------------------------
V
OU T
2LF
SW
×
×η
×
-----------------------------------------
≥
+
=
dI
L,PEAK
dD
-----------------------
0
>
I
L,PEAK,MAX
I
OU T
1D
MAX
–
-------------------------
V
OU T
D
MAX
1D
MAX
–
()
×
×
2L
F
SW
×η
×
×
---------------------------------------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com