Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 36Page - STMicroelectronics AN4501 Datasheet HTML 37Page - STMicroelectronics AN4501 Datasheet HTML 38Page - STMicroelectronics AN4501 Datasheet HTML 39Page - STMicroelectronics AN4501 Datasheet HTML 40Page - STMicroelectronics AN4501 Datasheet HTML 41Page - STMicroelectronics AN4501 Datasheet HTML 42Page - STMicroelectronics AN4501 Datasheet HTML 43Page - STMicroelectronics AN4501 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Glossary
AN4501
40/48
DocID026394 Rev 1
CISS
M1 input capacitance
ICOUT, VCOUT
Output capacitor current and voltage
ESRCOUT
ESR output capacitor
VCOUT,ESR
Voltage across ESRCOUT
ICIN, VCIN
Input capacitor current and voltage
ESRCIN
ESR input capacitor
VCIN,ESR
Voltage across ESRCIN
RONM1
Rdson of M1
RONM2
Rdson of M2
RSHUNT
Shunt resistor
RSENSE
Sense resistor
r
Inductor current ripple ratio
rMAX
Max. allowed inductor current ratio
IOUT
Output current (= LED current)
DCR
Inductor DC resistance
D50
50% duty cycle
VG1
Gate driver voltage
a
Thermal coefficient of RONM1
PDIODE
Power dissipation of the diode
PM1,SWON
Switching losses of M1 during the switch-on transition
PM1,SWOFF
Switching losses of M1 during the switch-off transition
TAMB
Ambient temperature
PM1,COND
Conduction losses of M1
PM1
Total power losses of M1
h
Converter’s efficiency
CCM
Continuous conduction mode
DCM
Discontinuous conduction mode
MLCC
Multilayer ceramic capacitor
Table 4. Notations and abbreviations (continued)
Notation
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com