Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 18Page - STMicroelectronics AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Selection of the inductor
AN4501
22/48
DocID026394 Rev 1
4.6
Input current limiter
The L99LD01 offers a monitoring of the inductor current, which is sensed through the shunt
resistor RSHUNT. This feature ensures that the inductor current is always below the
saturation current if RSHUNT is correctly selected:
The threshold of the input current limitation is set by default to:
where GLAMP (typ. value ~ 9.8, refer to datasheet of the L99LD01) is the gain of the linear
amplifier.
Figure 8. A shunt resistor is used to monitor the inductor current during the on-state
The input current limiter can be configured by a specific SPI control register from
to
with a step of
4.7
Limit of the continuous conduction mode
As stated in the introduction, all the considerations are valid only if the boost converter
works in CCM, in other words, inductor current does not decay to zero.
An operation in discontinuous conduction mode (DCM) must be sometimes avoided,
because of the increased electromagnetic emission. Indeed, when the output current or the
duty cycle are low enough to allow the inductor current to decay to zero, we can observe a
I
IN PUT MAX
,
2V
G
LAMP
R
SHUNT
×
--------------------------------------------------
=
0.5V
G
LAM P
R
SHUNT
×
--------------------------------------------------
3.5V
G
LAM P
R
SHUNT
×
--------------------------------------------------
3V
31
G
×
LAM P
R
SHUNT
×
--------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com