Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics AN4501 Datasheet HTML 30Page - STMicroelectronics AN4501 Datasheet HTML 31Page - STMicroelectronics AN4501 Datasheet HTML 32Page - STMicroelectronics AN4501 Datasheet HTML 33Page - STMicroelectronics AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics AN4501 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Selection of the switching MOSFET
AN4501
32/48
DocID026394 Rev 1
8
Selection of the switching MOSFET
The MOSFET M1 is the main switching element of the boost converter. The most important
parameters for its selection are:
•
the breakdown voltage
•
the peak and the RMS currents
•
the RDSON
•
the thermal resistance RTH-J-AMB
•
the turn-on and the turn-off time
Note:
The gate driver of the L99LD01 controls M1 with a typ. voltage, VG1, of ~ 10V, provided that
the supply voltage is high enough (10 V + Dropout of the VCC2 internal regulator ~ 10.2 V). If
VIN is below ~10.2 V, VCC2 will be ~VIN – 0.2 V and so does VG1. Therefore, a logic level
MOSFET is required to keep the converter’s performance at VIN below ~ 10.2 V.
8.1
Breakdown voltage
During tOFF the drain-source voltage of the MOSFET M1 is equal to VOUT + VF,DIODE. Some
margin must be added in case of ringing at the switching node.
8.2
MOSFET peak current
During tON, the MOSFET M1 is turned on and the inductor current flows into M1 (see
Figure 4 and Figure 7). Therefore, the MOSFET maximum peak current is equal to the
inductor maximum peak current:
8.3
MOSFET power dissipation
The MOSFET’s power dissipation mainly comes from the the conduction losses and the
switching losses.
I
M1 PEAK MAX
,,
I
L PEAK M AX
,,
I
OUT
1D
MAX
–
-------------------------
V
OU T
D
MAX
×
1D
MAX
–
()
×
2L
×
F
SW
×η
×
---------------------------------------------------------------------------
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com