Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 31Page - STMicroelectronics AN4501 Datasheet HTML 32Page - STMicroelectronics AN4501 Datasheet HTML 33Page - STMicroelectronics AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics AN4501 Datasheet HTML 36Page - STMicroelectronics AN4501 Datasheet HTML 37Page - STMicroelectronics AN4501 Datasheet HTML 38Page - STMicroelectronics AN4501 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DocID026394 Rev 1
35/48
AN4501
Selection of the switching MOSFET
47
Figure 16. Waveforms during the switch-on of M1
During t2, vM1,GS is now above VM1,GS,TH ,and M1 starts to conduct, and overtakes partially
the diode current. As the diode still conducts, VM1,DS remains unchanged at
VOUT + VFDIODE ~ VOUT. This phase ends up, when the vM1,GS reaches the value which
allows M1 to drive the whole inductor current (called VM1,GS,ILVALLEY).
During t2, the switching energy is estimated by:
which represents the area of the red triangle on Figure 16.
At the beginning of t3, The diode stops conducting, allowing VM1,DS to drop. The gate-drain
capacitor of M1 (CGD) is being discharged. Apparently, the value of CGD increases, which
explains constant value of VM1,GS despite the current injected in the gate by the gate driver
G1.
The switching energy during on transition is represented by the green triangle on Figure 16
the:
After t3, the M1 is fully turned on. The power dissipation during this phase is considered as
conduction losses. CGS is charged by G1 and VM1,GS further increases to reach the gate
driver’s voltage.
The switch-on losses are the total switching energy multiplied by the switching frequency:
V
OU T
I
L VALLEY
,
×
t
2
×
2
-------------------------------------------------------------
V
OU T
I
L VALLEY
,
×
t
3
×
2
-------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com