Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics AN4501 Datasheet HTML 27Page - STMicroelectronics AN4501 Datasheet HTML 28Page - STMicroelectronics AN4501 Datasheet HTML 29Page - STMicroelectronics AN4501 Datasheet HTML 30Page - STMicroelectronics AN4501 Datasheet HTML 31Page - STMicroelectronics AN4501 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Selection of the output capacitor
AN4501
28/48
DocID026394 Rev 1
Figure 12. Typical current waveforms of the output capacitor current
Equation 18:
The contribution ESRCOUT to the output voltage ripple is:
Equation 19:
6.1.3
Total output voltage ripple
Summing both contributions, we obtain:
The substitution of IL,PP by its expression from Equation 11 yields:
Equation 20:
6.2
Output current ripple
The output current ripple is the ratio between the total output voltage ripple and the dynamic
resistance of the LED string (note that RSENSE and RONM2 can be neglected compared to
the dynamic resistance of the LED string).
RD,OUT ~ NbLED x RD,LED where NbLED is the number of LEDs in the string and RD,LED is
the dynamic resistance one LED at the considered output current.
I
CO UT PP
,
I
DPP
,
I
L PEAK
,
I
OU T
1D
–
-------------
V
OUT
D
×
1D
–
()
×
2L
×
F
SW
×η
×
---------------------------------------------------
+
==
=
ΔV
COUT,ESR
ESR
CO U T
I
L PEAK
,
×
=
V
OUT PP
,
ΔV
COUT
ΔV
CO UT ESR
,
I
OUT
D
×
C
OUT
F
SW
×
----------------------------------
ESR
COUT
I
L PEAK
,
×
+
==
=
V
OUT PP
,
I
OU T
D
×
C
OUT
F
SW
×
----------------------------------
ESR
COUT
I
OUT
1D
–
-------------
V
OU T
D
×
1D
–
()
×
2L
×
F
SW
×η
×
---------------------------------------------------
+



×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com